Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER25HDTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # VIPER25HDTR
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25HDTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VIPER25HDTR Datasheet HTML 21Page - STMicroelectronics VIPER25HDTR Datasheet HTML 22Page - STMicroelectronics VIPER25HDTR Datasheet HTML 23Page - STMicroelectronics VIPER25HDTR Datasheet HTML 24Page - STMicroelectronics VIPER25HDTR Datasheet HTML 25Page - STMicroelectronics VIPER25HDTR Datasheet HTML 26Page - STMicroelectronics VIPER25HDTR Datasheet HTML 27Page - STMicroelectronics VIPER25HDTR Datasheet HTML 28Page - STMicroelectronics VIPER25HDTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
VIPER25
Operation description
Doc ID 15585 Rev 4
25/40
Figure 31.
Typical power capability vs input voltage in quasi-resonant converter’s
In order to proper select the value of the resistance RFF (see Figure 32 on page 26), once
are known the proper IDlim set points at minimum and at the maximum converter input
voltage. The following approximated formula calculates the value of the resistor RFF
Equation 3
Where:
●
Vin_Max and Vin_min are the maximum and minimum converter rectified input voltage
●
naux is the primary to auxiliary winding turn ratio
●
IZCD1, and IZCD2 are the currents needed to sink from the ZCD pin, in order to obtain
the selected IDlim set points, respectively at Vin_max and Vin_min, the graph IDlim vs IZCD
current is reported on Figure 16 on page 12).
The RLIM Value can be calculated from the following formula knowing the RFF value:
Equation 4
Where:
VZCD1 and VZCD2 are the ZCD pin voltages when the sunk current is IZCD1 and IZCD2
respectively (see Figure 15 on page 12).
 
Vin
Vinmin
11.522.5
3
3.5
4
0.5
1
1.5
2
2.5
system optimally
compensated
system not
compensated
)
I
I
(
n
V
V
R
2
ZCD
1
ZCD
aux
min
_
in
max
_
in
FF
−
⋅
−
=
⎟⎟
⎟
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎜
⎜
⎜
⎝
⎛
+
−
+
−
=
FF
2
ZCD
aux
max
_
in
2
ZCD
2
ZCD
FF
1
ZCD
aux
min
_
in
1
ZCD
1
ZCD
LIM
R
V
n
V
I
V
,
R
V
n
V
I
V
Max
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com