Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDV05CL Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESDV05CL
Description  LOW CAPACITA NCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDV05CL Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESDV05CL Datasheet HTML 1Page - Bruckewell Technology LTD ESDV05CL Datasheet HTML 2Page - Bruckewell Technology LTD ESDV05CL Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bruckewell Technology Corp., Ltd.
LOW CAPACITA NCE TVS ARRAY
ESDV05CL
FEATURES
ESD Protection for 1 Line with Bi-directional.
Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±20kV (air), ±12kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 7A (8/20μs)
Cable Discharge Event (CDE)
Ultra-small SOD-323 package saves board space.
Protect one I/O line or one power line
Fast turn-on and Low clamping voltage
Low operating voltage: 5V
Solid-state silicon-avalanche and active circuit triggering technology
MECHANICAL DATA
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
Application
• Computer Interfaces Protection
• Microprocessors Protection
• Serial and Parallel Ports Protection
• Control Signal Lines Protection
• Power lines on PCB Protection
• Latchup Protection
Absolute ratings (limiting value)
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp = 8/20µs)
PPK
110
W
Peak Pulse Current (tp = 8/20µs)
IPP
8.5
A
Operating Supply Voltage (pin-1,-2 to pin-3)
VDC
6
V
Clamping Voltage (IPP=5A, tp=8/20us, T=25 oC)
VCL
8
V
Clamping Voltage (IPP=7A, tp=8/20us, T=25 oC)
VCL
9
V
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
VESD
±22
±15
KV
Operating Temperature
TJ
-55 to +125
℃
Storage Temperature Range
Tstg
-55 to +150
℃
Lead Solder Temperature – Maximum (10 Second
Duration)
TL
260
℃


Similar Part No. - ESDV05CL

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
ESDV18VAE1 JIANGSU-ESDV18VAE1 Datasheet
1Mb / 6P
Uni-direction ESD Protection Diode
logo
STMicroelectronics
ESDV5-1BF4 STMICROELECTRONICS-ESDV5-1BF4 Datasheet
545Kb / 10P
Low clamping, very low capacitance bidirectional single line ESD protection
30-Nov-2016
logo
Jiangsu Changjiang Elec...
ESDVD5V0H4 JIANGSU-ESDVD5V0H4 Datasheet
7Mb / 6P
Uni-direction ESD Protection Diode
logo
TECH PUBLIC Electronics...
ESDVD5V0H4-TP TECHPUBLIC-ESDVD5V0H4-TP Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
More results

Similar Description - ESDV05CL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
Ultra LOW CAPACITA NCE TVS ARRAY
ESD5Z5C BWTECH-ESD5Z5C Datasheet
981Kb / 3P
LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC03CLC-T7 PROTEC-GBLC03CLC-T7 Datasheet
518Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESR05L BWTECH-ESR05L Datasheet
489Kb / 4P
LOW CAPACITA NCE TVS ARRAY
ESR12 BWTECH-ESR12 Datasheet
549Kb / 4P
LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Shanghai Leiditech Elec...
SP3051-04HTG LEIDITECH-SP3051-04HTG Datasheet
1Mb / 8P
LOW CAPACITA NCE TVS DIODE ARRAY
Rev : 01.06.2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com