Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDF5V4 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESDF5V4
Description  Ultra Low Capacitance TVS Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDF5V4 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESDF5V4 Datasheet HTML 1Page - Bruckewell Technology LTD ESDF5V4 Datasheet HTML 2Page - Bruckewell Technology LTD ESDF5V4 Datasheet HTML 3Page - Bruckewell Technology LTD ESDF5V4 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bruckewell Technology Corp., Ltd.
Ultra Low Capacitance TVS Arrays
ESDF5V4
The ESDF5V4 are ultra low capacitanceTVS arrays designed to protect
high speed data interfaces.This series has been specifically designed
to protect sensitive components which are connected to high-speed
data and transmission lines form overvoltage caused by
ESD(electrostatic discharge),CDE(Cable Discharge Events),and
EFT(electrical fast transients).
FEATURES
• Package design optimized for high speed lines
• Flow-Through design
• Protects four I/O lines
• Low capacitance: 0.3pF typical (I/O to I/O)
• Low clamping voltage
• Low operating voltage: 5V
• Solid-state silicon-avalanche technology
APPLICATION
• High Definition Multi-Media Interface (HDMI).
• Digital Visual Interface (DVI)
• DisplayPortTM Interface
• MDDI Ports
• LVDS
• Serial ATA
• PCI Express
DFN-10
Complies with the following standards
IEC61000-4-2
Level 4 15 kV (air discharge)
8 kV(contact discharge)
MIL STD 883E - Method 3015-7 Class 3
25 kV HBM (Human Body Model)
Maximum ratings (limiting value)
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp = 8/20µs) @ TA=25
℃
PD
150
W
Peak Pulse Current (tp = 8/20 s)
IPP
5
A
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
V ESD
+/- 17
+/- 12
KV
Junction and Storage Temperature Range
TJ,TSTG
-55 to 150
℃


Similar Part No. - ESDF5V4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESDF200-B1-W0201 INFINEON-ESDF200-B1-W0201 Datasheet
742Kb / 14P
Bi-directional ESD protection and EMI filter device, 3.3 V, 65 pF
v1.0 2022-06-07
ESDF200B1W0201E6327XTSA1 INFINEON-ESDF200B1W0201E6327XTSA1 Datasheet
742Kb / 14P
Bi-directional ESD protection and EMI filter device, 3.3 V, 65 pF
v1.0 2022-06-07
logo
Jiangsu Changjiang Elec...
ESDF7V0D5 JIANGSU-ESDF7V0D5 Datasheet
1Mb / 6P
Uni-direction ESD Protection Diode
logo
Bruckewell Technology L...
ESDFBP05CL BWTECH-ESDFBP05CL Datasheet
227Kb / 3P
Ultra Low Cj Single Line ESD Protection Diode
ESDFBP05VL BWTECH-ESDFBP05VL Datasheet
902Kb / 3P
ESD Protection Diode With Ultra-Low Capacitance
More results

Similar Description - ESDF5V4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0522P SEMTECH-RCLAMP0522P Datasheet
621Kb / 13P
Ultra Low Capacitance TVS Arrays
RCLAMP0522PA SEMTECH-RCLAMP0522PA Datasheet
377Kb / 13P
Ultra Low Capacitance TVS Arrays
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4 Datasheet
375Kb / 4P
Ultra Low Capacitance TVS Arrays
logo
Semtech Corporation
RCLAMP0544T SEMTECH-RCLAMP0544T Datasheet
765Kb / 10P
RailClamp짰 Ultra Low Capacitance TVS Arrays
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4_13 Datasheet
437Kb / 5P
Ultra Low Capacitance TVS Arrays
logo
StarHope
TUSD05K7U SPSEMI-TUSD05K7U Datasheet
562Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Shanghai Leiditech Elec...
ULC0568M LEIDITECH-ULC0568M Datasheet
256Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Semtech Corporation
RCLAMP0522T SEMTECH-RCLAMP0522T Datasheet
348Kb / 13P
Ultra Low Capacitance TVS Arrays
logo
Shanghai Leiditech Elec...
ULC0544T LEIDITECH-ULC0544T Datasheet
2Mb / 10P
Ultra Low Capacitance TVS Arrays
logo
Protek Devices
PAM02SD23XX PROTEC-PAM02SD23XX Datasheet
570Kb / 7P
ultra LOW CAPACITANCE TVS ARRAYs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com