Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD05CL Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESD05CL
Description  Ultra LOW CAPACITA NCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESD05CL Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESD05CL Datasheet HTML 1Page - Bruckewell Technology LTD ESD05CL Datasheet HTML 2Page - Bruckewell Technology LTD ESD05CL Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bruckewell Technology Corp., Ltd.
Ultra LOW CAPACITA NCE TVS ARRAY
ESD05CL
The ESD05CL ESD protection diode is designed for portable
applications such as cell phones, notebook computers, and PDAʼs.
They feature large cross-sectional area junctions for conducting high
transient currents, offer desirable electrical characteristics for board
level protection, such as fast response time, lower operating voltage,
lower clamping voltage and no device degradation
.
FEATURES
• Complies with the following standards
• IEC61000-4-2
• Level 4 15 kV (air discharge)
• 8 kV(contact discharge)
• MIL STD 883E - Method 3015-7 Class 3
• 25 kV HBM (Human Body Model)
• Unidirectional & Bidirectional Configuration
• Protects One Power or I/O Port
• Low Clamping Voltage
• Ultra Low Capacitance: 3pF (Typical)
• RoHS Compliant
• REACH Compliant
MECHANICAL DATA
• Molded JEDEC SOD-323 Package
• Approximate Weight: 5 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
SOD323 package
Application
• Ethernet 10/100/1000 Base T
• SMART Phones
• Handheld - Wireless Systems
• USB Interface
Absolute ratings (limiting value)
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp = 8/20µs)
PPK
120
W
Peak Pulse Current (tp = 8/20µs)
IPP
12
A
Operating Temperature
TJ
-55 to +125
℃
Storage Temperature Range
Tstg
-55 to +150
℃
Lead Solder Temperature – Maximum (10 Second
Duration)
TL
260
℃


Similar Part No. - ESD05CL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C Datasheet
199Kb / 2P
Transient Voltage Suppressors for ESD Protection (Bi-directional)
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
More results

Similar Description - ESD05CL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DL0521P PROTEC-DL0521P Datasheet
458Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03I PROTEC-GBLC03I_10 Datasheet
601Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_10 Datasheet
446Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521 Datasheet
575Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
Ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC03CLC-T7 PROTEC-GBLC03CLC-T7 Datasheet
518Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com