Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC1FAD2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IPC1FAD2
Description  Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPC1FAD2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IPC1FAD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPC1FAD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPC1FAD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPC1FAD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPC1FAD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPC1FAD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPC1FAD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B1-20
APEM
www.apem.com
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - momentary
Round - non-illuminated
Function 3 (NO) Function 5 (NC/NO)
MODEL
STRUCTURE
• Double function (NC/NO combined)
with a short behind-panel depth
Solder lug terminals
NO
NO
NC
NC/NO
NO
(.472DIAx0.75IS)
0.40
EPOXY
1.20
5.08
(.200)
2.00
(.078)
(.015)
(.047)
(.472DIA)
Ø12.00
(.688DIA)
Ø17.50
Ø12.00x0.75SI
© Flat
Curved actuator, NO
IPR3SAD
Curved actuator, NC/NO
IPR5SAD
Flat actuator, NO
IPP3SAD
Flat actuator, NC/NO
IPP5SAD
Sealed flying lead terminals
NC/NO
NO
(.472DIAx0.75IS)
Ø17.50
(.688DIA)
(.472DIA)
Ø12.00
Ø12.00x0.75SI
© Flat
Curved actuator, NO
IPR3FAD
Curved actuator, NC/NO
IPR5FAD
Flat actuator, NO
IPP3FAD
Flat actuator, NC/NO
IPP5FAD
ACTUATOR COLOURS
Wire colours (NC/NO) : black : NO, blue : NC
100
: Satin chrome bezel
101
: Bright chrome bezel
104
: High actuator - If combined with function 5
(NC/NO), order with CD contacts (instead of AD contacts).
OPTIONS
1.00
(.039)
CIPCOSP
CIPCOSZ1
1.20
2.80
(.047)
(.110)
1.00
(.039)
CIPCOSP
CIPCOSZ1
1.20
2.80
(.047)
(.110)
Straight P
Quick-connect Z1
Also available with straight PC terminals : IP•3PAD (NO) or IP•5PAD (NC/NO)
and quick-connect terminals : IP•3Z1AD (NO only)
Actuator marking available on IPP models (symbol 10 mm max.). On request.
104
IPR
104
IPP
Ø12.00
(.472DIA)
Ø12.00
(.472DIA)
APPROVAL
UL
Consult factory for details of approved models. To order
switches marked UL, complete above box with ”UL”.
Shown with standard flying lead terminals.
For THIN flying leads, replace F with W.
1
: blue - B : dark blue - 2 : black - 3 : green - 4 : grey
5
: yellow - 6 : red - 7/1 : white - 8 : bright chrome
9
: orange - A : satin chrome



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com