Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPR1FAD2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IPR1FAD2
Description  Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPR1FAD2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IPR1FAD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPR1FAD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPR1FAD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPR1FAD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPR1FAD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPR1FAD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPR1FAD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B1-18
APEM
www.apem.com
B1
IP series
Pushbutton switches for harsh environments - bushing Ø 12 mm - momentary
Square - non-illuminated
MODEL
STRUCTURE
• Double function (NC/NO combined)
with a short behind-panel depth
Solder lug terminals
Ø12.00x0.75SI
(.047)
2.00
(.078)
5.08
(.200)
(.015)
(.472DIAx0.75IS)
1.20
0.40
EPOXY
12.00
(.472SQ)
17.50
(.688SQ)
NO
NO
NC
NC/NO
NO
© Flat
IPC3SAD
Normally Open
IPC5SAD
NC/NO combined
Sealed flying lead terminals
Ø12.00x0.75SI
(.472DIAx0.75IS)
12.00
(.472SQ)
17.50
(.688SQ)
NO
NC/NO
© Flat
IPC3FAD
Normally Open
IPC5FAD
NC/NO combined
ACTUATOR COLOURS
1
: blue - B : dark blue -2 : black - 3 : green - 4 : grey - 5 : yellow - 6 : red - 7/1 : white - 8 : bright chrome
9
: orange - A : satin chrome
OPTIONS
100
: Satin chrome bezel
101
: Bright chrome bezel
Wire colours (NC/NO) : black : NO, blue : NC
Function 3 (N0)
Function 5 (NC/NO)
1.00
(.039)
CIPCOSP
CIPCOSZ1
1.20
2.80
(.047)
(.110)
1.00
(.039)
CIPCOSP
CIPCOSZ1
1.20
2.80
(.047)
(.110)
Straight P
Quick-connect Z1
Also available with straight PC terminals : IPC3PAD (NO) or IPC5PAD (NC/NO)
and quick-connect terminals : IPC3Z1AD (NO only)
APPROVAL
UL
Consult factory for details of approved models. To order
switches marked UL, complete above box with ”UL”.
Shown with standard flying lead terminals.
For THIN flying leads, replace F with W.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com