Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

441-R345A-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R345A-GR
Description  Fuse Block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R345A-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R345A-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R345A-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9.80 (.386)
3.50 (.138)
13 (.512)
23.20 (.913)
25 (.984)
4.80±.10 (.189±.004)
11 (.433)
1.30 (.051)
ø3.3 hole for ø3 screw
ø6 (ø.236)
39.6 (1.56)
.50 (.02)
4.50 (.177)
4 (.157)
.50 (.02)
Dimensions: mm (in.)
Fuse Block
441-R345A-GR
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
EPD-200553
Date Last Revised: 3-2-07
SPECIFICATIONS
500VDC, 100MΩ min.
1500VAC, 1 minute
8A 125V/250VAC for ø5x20 fuse
50mΩ max.
Nickel plated brass
PBT 30% GF
RoHS Compliant
Insulation Resistance:
Voltage Breakdown:
Rating:
Contact Resistance:
Terminals:
Board:
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 441-R345A-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R344A-GR ETC2-441-R344A-GR Datasheet
39Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R347A-GR ETC2-441-R347A-GR Datasheet
76Kb / 2P
Blade Fuse Holders
441-R347B-GR ETC2-441-R347B-GR Datasheet
76Kb / 2P
Blade Fuse Holders
441-R347C-GR ETC2-441-R347C-GR Datasheet
76Kb / 2P
Blade Fuse Holders
More results

Similar Description - 441-R345A-GR

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
Fuse modular terminal block
logo
Littelfuse
178-4205-000 LITTELFUSE-178-4205-000 Datasheet
464Kb / 2P
FH2 Stackable Block Fuse Holder
logo
PHOENIX CONTACT
0911157 PHOENIX-0911157 Datasheet
74Kb / 7P
Fuse terminal block
logo
Littelfuse
LFJ60030FBC LITTELFUSE-LFJ60030FBC Datasheet
1Mb / 4P
LF Series Fuse Block Covers
Rev: 110413
logo
WAGO Kontakttechnik Gmb...
2002-2612 WAGO-2002-2612 Datasheet
689Kb / 15P
Double-deck fuse terminal block; with pivoting fuse holder
24.11.2021
2006-1611 WAGO-2006-1611 Datasheet
753Kb / 17P
2-conductor fuse terminal block; with pivoting fuse holder
24.11.2021
logo
Littelfuse
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
LFNH LITTELFUSE-LFNH Datasheet
365Kb / 4P
LFNH SERIES FUSE BLOCK
Rev: 021119
LFXV150601C LITTELFUSE-LFXV150601C Datasheet
704Kb / 3P
LFXV15 SERIES FUSE BLOCK & COVER
Rev: 120721
logo
PHOENIX CONTACT
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
Fuse modular terminal block
Dec 19, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com