Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

441-R364-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R364-GR
Description  In-Line Fuse Holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R364-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R364-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R364-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In-Line Fuse Holder
441-R364-GR
EPD-200780
Date Last Revised: 03-26-12
59.3±1
(2.33±.039)
42.3
(1.66)
140±5
(5.51±.20)
140±5
(5.51±.20)
27.5
(1.08)
ø6.4
(ø.25)
ø8.6
(ø.338)
ø15.6
(ø.614)
DIMENSIONS: mm (in.)
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
SPECIFICATIONS
• Rating: 10A/250VAC
• Insulation Resistance: 500VDC 100MΩ Min.
• Dielectric Strength: 1000VAC 1 min.
• Fuse Type: ø6.3x30mm; 6.35x32mm
• Cap and Frame: POM-F2003
• Terminal: Brass
• Wire: 16AWG
• Tolerance: ±0.3 unless otherwise noted
• RoHS Compliant


Similar Part No. - 441-R364-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R360B-GR ETC2-441-R360B-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R360C-GR ETC2-441-R360C-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R360D-GR ETC2-441-R360D-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R361A-GRX ETC2-441-R361A-GRX Datasheet
81Kb / 2P
Fuse Holder
More results

Similar Description - 441-R364-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
In-line fuse holder
HHK EATON-HHK Datasheet
135Kb / 1P
in-line fuse holder
HHN EATON-HHN Datasheet
202Kb / 1P
in-line fuse holder
logo
Littelfuse
01550500Z-UL LITTELFUSE-01550500Z-UL Datasheet
320Kb / 1P
155 SERIES BAYONET IN-LINE FUSE HOLDER
Rev: 041519
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
MAXIMAB LITTELFUSE-MAXIMAB Datasheet
172Kb / 1P
IN-LINE SCREW TERMINAL FUSE HOLDER
2021
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
IN-LINE BLADE FUSE HOLDER
2021
MAXI-MAB LITTELFUSE-MAXI-MAB Datasheet
171Kb / 1P
IN-LINE SCREW TERMINAL FUSE HOLDER
2021 Littelfuse, Inc.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com