Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT4126 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMDT4126
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT4126 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMDT4126 Datasheet HTML 1Page - Diodes Incorporated MMDT4126 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30160 Rev. D-1
2 of 2
MMDT4126
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
3. Pulse test: Pulse width
£ 300ms, duty cycle £ 2%.
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Collector-Base Breakdown Voltage
V(BR)CBO
-25
¾
V
IC = -10
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-25
¾
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-4.0
¾
V
IE = -10
mA, IC = 0
Collector Cutoff Current
ICBO
¾
-50
nA
VCB = -20V, IE = 0V
Emitter Cutoff Current
IEBO
¾
-50
nA
VEB = -3.0V, IC = 0V
ON CHARACTERISTICS (Note 3)
DC Current Gain
hFE
120
60
360
¾
¾
IC = -2.0mA, VCE = -1.0V
IC = -50mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.40
V
IC = -50mA, IB = -5.0mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
-0.95
V
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
4.5
pF
VCB = -5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
¾
10
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Small Signal Current Gain
hfe
120
480
¾
VCE = -1.0V, IC = -2.0mA,
f = 1.0kHz
Current Gain-Bandwidth Product
fT
250
¾
MHz
VCE = -20V, IC = -10mA,
f = 100MHz
Noise Figure
NF
¾
4.0
dB
VCE = -5.0V, IC = -100
mA,
RS = 1.0k
W, f = 1.0kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com