Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECKNHT392KB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECKNHT392KB
Description  High Voltage Ceramic Disc Capacitors (Low loss type)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKNHT392KB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECKNHT392KB Datasheet HTML 1Page - Panasonic Semiconductor ECKNHT392KB Datasheet HTML 2Page - Panasonic Semiconductor ECKNHT392KB Datasheet HTML 3Page - Panasonic Semiconductor ECKNHT392KB Datasheet HTML 4Page - Panasonic Semiconductor ECKNHT392KB Datasheet HTML 5Page - Panasonic Semiconductor ECKNHT392KB Datasheet HTML 6Page - Panasonic Semiconductor ECKNHT392KB Datasheet HTML 7Page - Panasonic Semiconductor ECKNHT392KB Datasheet HTML 8Page - Panasonic Semiconductor ECKNHT392KB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EC
K
N3A1
0
2
K
B
P
I Explanation of Part Numbers
I Specifications
&KDUDFWHULVWLF
6HULHV.*(
6HULHV +7.% .%3 +7.& DQG .53
6HULHV 7HPS&KDU PD[&DS&KDQJH 7HPS 5DQJH
+7.%
%<3
±
¤ WR  Í&
.%3
%<3
±
¤ WR  Í&
+7.&
&<6
±
¤ WR  Í&
.53
5<5
±
¤ WR  Í&
2SHUDWLQJ
7HPSHUDWXUH 5DQJH
5DWHG 9ROWDJH
'LHOHFWULF
:LWKVWDQGLQJ
9ROWDJH
&DSDFLWDQFH
4RU
'LVVLSDWLRQ )DFWRU
WDQG
,QVXODWLRQ
5HVLVWDQFH
7HPSHUDWXUH
&KDUDFWHULVWLFV
¤WR Í&

RI 5ated 9ROWDJH
IRU  WR  VHFRQGV
9'&WRN9'&
:LWKLQ WKH VSHFLILHG WROHUDQFH
ZKHQPHDVXUHGDW0+] ±  
WR9UPVDQGÍ&
S)RUXQGHU4 !  &
&&DSS)
RYHUS)4 ! 
DW0+] ± WR9UPV
DQG Í&
:LWKLQ WKH VSHFLILHG WROHUDQFH
ZKHQPHDVXUHGDWN+] ±  WR9UPVDQGÍ&
6HULHV +7.% DQG .%3WDQG ! 
6HULHV+7.&
WDQG ! 
6HULHV.53
WDQG ! 
DWN+] ± WR9UPVDQGÍ&
 0 Ω PLQ
DW  9'&  PLQXWH HOHFWULILFDWLRQ
7HPSHUDWXUH &RHIILFLHQW
 WR ¤ SSPÍ&
7HPSHUDWXUH 5DQJH
WRÍ&
WRN9'&
6HULHV +7.%¤ WR  Í&
6HULHV .%3 +7.& DQG .53¤ WR  Í&
5DWHG 9ROWDJH 9'& 9'& IRU  WR  VHFRQGV
5DWHG9ROWDJHWRN9'&

RI 5DWHG 9ROWDJH IRU  WR  VHFRQGV
+LJK 9ROWDJH &HUDPLF 'LVF &DSDFLWRUV /RZ ORVV W\SH
6HULHV
.*( &KDU 6/*3  N9'& WR  N9'&
6HULHV
+7.% &KDU %<3  9'&
6HULHV
.%3 &KDU %<3  N9'& WR  N9'&
6HULHV
+7.& &KDU &<6  9'&
6HULHV
.53 &KDU 5<5  N9'& WR  N9'&
High Voltage Ceramic Disc Capacitors (Low loss type)
I Features
G :LGH RSHUDWLQJ WHPSHUDWXUH¤ WR  Í& RU ¤
WR  Í&
G ,PSURYHG 9ROWDJH YV7HPSHUDWXUH 5LVH achieved
through lRZ ORVV FHUDPLF GLHOHFWULF PDWHULal.
G )ODPHUHtardant LQVXODWLQJ FRDWLQJ DSSOLHG
G (DV\ PRXQWLQJ achieved tKURXJK NLQNHG /HDG and
Radial Taping
I Recommended Applications
G 6QXEEHU FLUFXLW RI VZLWFKLQJ SRZHU VXSSO\
G +RUL]RQWDO UHVRQDQFH FLUcuLW RI 79 DQG &57 GLVSOD\
G ,QYHUWHU W\SH OLJKWLQJ DSSDUDWXV
G %DOODVW FLUFXLW RI /&' EDFNOLJKWLQJ LQYHUWHU
)RU VHULHV .*(
G 2WKHUV +LJK YROWDJH SXOVH DQG '& FLUFXLWV


Similar Part No. - ECKNHT392KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKN3A101DGP PANASONIC-ECKN3A101DGP Datasheet
579Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECKN3A101FGP PANASONIC-ECKN3A101FGP Datasheet
579Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECKN3A101JGP PANASONIC-ECKN3A101JGP Datasheet
579Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECKN3A102DGP PANASONIC-ECKN3A102DGP Datasheet
579Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECKN3A102FGP PANASONIC-ECKN3A102FGP Datasheet
579Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
More results

Similar Description - ECKNHT392KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-A3D102KBP PANASONIC-ECK-A3D102KBP Datasheet
619Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-N3D102KBP PANASONIC-ECK-N3D102KBP Datasheet
619Kb / 9P
High voltage ceramic disc capacitors (low loss type)
ECK-A3A332KBP PANASONIC-ECK-A3A332KBP Datasheet
619Kb / 9P
High Voltage Ceramic Disc Capacitors ( Low loss type)
ECK-A3A151KBP PANASONIC-ECK-A3A151KBP Datasheet
619Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECKA3D101KBP PANASONIC-ECKA3D101KBP Datasheet
579Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A220JGE PANASONIC-ECC-D3A220JGE Datasheet
426Kb / 10P
HIGH VOLTAGE CERAMIC DISC CAPACITORS (LOW LOSS TYPE)
ECC-A3F560JGE PANASONIC-ECC-A3F560JGE Datasheet
619Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3D222KBP PANASONIC-ECK-A3D222KBP Datasheet
619Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECK-A3F471KBP PANASONIC-ECK-A3F471KBP Datasheet
619Kb / 9P
High Voltage Ceramic Disc Capacitors (Low loss type)
ECC-D3A150JGE PANASONIC-ECC-D3A150JGE Datasheet
426Kb / 10P
High Voltage Ceramic Disc Capacitors (Low Loss type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com