Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT4401 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMDT4401
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT4401 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMDT4401 Datasheet HTML 1Page - Diodes Incorporated MMDT4401 Datasheet HTML 2Page - Diodes Incorporated MMDT4401 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30111 Rev. 4 - 2
2 of 3
MMDT4401
www.diodes.com
Electrical Characteristics @ T
A = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Collector-Base Breakdown Voltage
V(BR)CBO
60
¾
V
IC = 100
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
¾
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
6.0
¾
V
IE = 100
mA, IC = 0
Collector Cutoff Current
ICEX
¾
100
nA
VCE = 35V, VEB(OFF) = 0.4V
Base Cutoff Current
IBL
¾
100
nA
VCE = 35V, VEB(OFF) = 0.4V
ON CHARACTERISTICS (Note 3)
DC Current Gain
hFE
20
40
80
100
40
¾
¾
¾
300
¾
¾
IC = 100µA, VCE = 1.0V
IC = 1.0mA, VCE = 1.0V
IC = 10mA, VCE = 1.0V
IC = 150mA, VCE = 1.0V
IC = 500mA, VCE = 2.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
0.40
0.75
V
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
Base- Emitter Saturation Voltage
VBE(SAT)
0.75
¾
0.95
1.2
V
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Ccb
¾
6.5
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Ceb
¾
30
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
1.0
15
k
W
VCE = 10V, IC = 1.0mA,
f = 1.0kHz
Voltage Feedback Ratio
hre
0.1
8.0
x 10-4
Small Signal Current Gain
hfe
40
500
¾
Output Admittance
hoe
1.0
30
mS
Current Gain-Bandwidth Product
fT
250
¾
MHz
VCE = 10V, IC = 20mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
¾
15
ns
VCC = 30V, IC = 150mA,
VBE(off) = 2.0V, IB1 = 15mA
Rise Time
tr
¾
20
ns
Storage Time
ts
¾
225
ns
VCC = 30V, IC = 150mA,
IB1 = IB2 = 15mA
Fall Time
tf
¾
30
ns
Ordering Information (Note 4)
Device
Packaging
Shipping
MMDT4401-7
SOT-363
3000/Tape & Reel
Notes:
3. Short duration pulse test used to minimize self-heating effect.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K2X YM
K2X = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com