Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4251 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP4251
Description  SPDT COMS RF Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4251 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP4251 Datasheet HTML 1Page - SIPAT Co,Ltd SP4251 Datasheet HTML 2Page - SIPAT Co,Ltd SP4251 Datasheet HTML 3Page - SIPAT Co,Ltd SP4251 Datasheet HTML 4Page - SIPAT Co,Ltd SP4251 Datasheet HTML 5Page - SIPAT Co,Ltd SP4251 Datasheet HTML 6Page - SIPAT Co,Ltd SP4251 Datasheet HTML 7Page - SIPAT Co,Ltd SP4251 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
SP4251
Page 2 of 8
Table 2. Pin Descriptions
Electrostatic Discharge (ESD) Precautions
When handling this CMOS device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, CMOS
devices are immune to latch-up.
Table 3. Operating Ranges
Note 3. All RF pins must be DC blocked with an external
series capacitor or held at 0 VDC.
Figure 3. Pin Configuration (Top View)
Pin No.
Pin Name
Description
1
V2
This pin supports two interface options:
Single-pin control mode. A nominal 3-
volt supply connection is required.
Complementary-pin control mode. A
complementary CMOS control signal
to V1 is supplied to this pin.
2
V1
Switch control input, CMOS logic level.
3
RFC
RF Common port.3
4
N/C or GND
No Connect or Ground
5
RF1
RF1 port.3
6
GND
Ground Connection. Traces should be
physically short and connected to
ground plane for best performance.
7
GND
Ground Connection. Traces should be
physically short and connected to
ground plane for best performance.
8
RF2
RF2 port.3
Paddle
GND
Exposed ground paddle. Ground for
proper device operation
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Switching Frequency
The SP4251 has a maximum 25 kHz switching rate.
1
2
3
4
8
7
6
5
V2
V1
RFC
N/C or
GND
RF2
GND
GND
RF1
Exposed ground paddle
Note 4. Customer must choose either 3.3 V or 5.0 V power
supply range
Table 4. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
3
5.5
V
VI
Voltage on any control input
-0.3
5.5
V
TST
Storage temperature range
-65
150
°C
PIN
RF Input power (50
Ω)
27
dBm
VESD
ESD voltage (HBM)5
ESD voltage (Machine Model)
4000
250
V
Note: 5. Human Body Model (HBM, MIL_STD 883 Method 3015.7)
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage4
3.0
4.5
3.3
5.0
3.6
5.5
V
V
IDD Power Supply Current
VDD = VCNTL= 3.3V
VDD = VCNTL= 5.0V
55
75
60
80
µA
µA
Control Voltage High
0.8 x VDD
V
Control Voltage Low
0.2 x VDD
V
PIN RF Input Power (50Ω)
27
dBm
TOP Operating temperature
range
-40
25
85
°C
TST Storage temperature range
-65
25
150
°C
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the SP4251
in the 8-lead MSOP package is MSL1.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com