Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4302 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP4302
Description  50 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4302 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP4302 Datasheet HTML 1Page - SIPAT Co,Ltd SP4302 Datasheet HTML 2Page - SIPAT Co,Ltd SP4302 Datasheet HTML 3Page - SIPAT Co,Ltd SP4302 Datasheet HTML 4Page - SIPAT Co,Ltd SP4302 Datasheet HTML 5Page - SIPAT Co,Ltd SP4302 Datasheet HTML 6Page - SIPAT Co,Ltd SP4302 Datasheet HTML 7Page - SIPAT Co,Ltd SP4302 Datasheet HTML 8Page - SIPAT Co,Ltd SP4302 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
SP4302
Page 3 of 10
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0
5
10
15
20
25
30
35
40
Attenuation Setting (dB)
1000Mhz, -40C
1000Mhz, 85C
1000Mhz, 25C
1500Mhz, -40C
1490Mhz, 25C
1490Mhz, 85C
-1.5
-1
-0.5
0
0.5
0
5
10
15
20
25
30
35
40
Attenuation Setting (dB)
10Mhz
500Mhz
1000Mhz
1500Mhz
2000Mhz
2200Mhz
-10
-8
-6
-4
-2
0
2
0
500
1000
1500
2000
2500
3000
3500
4000
RF Frequency (MHz)
31.5 (dB)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
5
10
15
20
25
30
35
40
Attenuation Setting (dB)
10Mhz, -40C
500Mhz, -40C
10Mhz, 25C
500Mhz, 25C
10Mhz, 85C
500Mhz, 85C
Figure 8. Attenuation Error Vs. Attenuation
Setting
Figure 10. Attenuation Error Vs. Attenuation
Setting
Figure 9. Attenuation Error Vs. Attenuation
Setting
Figure 7. Attenuation Error Vs. Frequency
Typical Performance Data @ 25°C, VDD = 3.0 V
Note: Positive attenuation error indicates higher attenuation than target value
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com