Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4308 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP4308
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4308 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP4308 Datasheet HTML 1Page - SIPAT Co,Ltd SP4308 Datasheet HTML 2Page - SIPAT Co,Ltd SP4308 Datasheet HTML 3Page - SIPAT Co,Ltd SP4308 Datasheet HTML 4Page - SIPAT Co,Ltd SP4308 Datasheet HTML 5Page - SIPAT Co,Ltd SP4308 Datasheet HTML 6Page - SIPAT Co,Ltd SP4308 Datasheet HTML 7Page - SIPAT Co,Ltd SP4308 Datasheet HTML 8Page - SIPAT Co,Ltd SP4308 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
SP4308
Page 3 of 10
Evaluation Kit
The Digital Attenuator Evaluation Kit was designed to
ease customer evaluation of the SP4308 DSA.
J9 is used in conjunction with the supplied DC cable to
supply VDD, GND, and –VDD. If use of the internal
negative voltage generator is desired, then connect
–VDD (black banana plug) to ground. If an external –VDD
is desired, then apply -3 V.
J1 should be connected to the LPT1 port of a PC with
the supplied control cable. The evaluation software is
written to operate the DSA in serial mode, so switch 7
(P/S) on the DIP switch SW1 should be ON with all
other switches off. Using the software, enable or
disable
each
attenuation
setting
to
the
desired
combined attenuation.
The software automatically
programs the DSA each time an attenuation state is
enabled or disabled. Note: Jumper J6 supplies power
to the evaluation board support circuits.
To evaluate the power up options, first disconnect the
control cable from the evaluation board. The control
cable must be removed to prevent the PC port from
biasing the control pins.
During power up with P/S=1 high and LE=1, the default
power-up signal attenuation is set to the value present
on the five control bits on the five parallel data inputs
(C1 to C16). This allows any one of the 32 attenuation
settings to be specified as the power-up state.
During power up with P/S=0 high and LE=0, the control
bits are automatically set to one of four possible values
presented through the PUP interface.
These four
values are selected by the two power-up control bits,
PUP1 and PUP2, as shown in the Table 6.
Pin 20 is open and can be connected to any bias.
Note: Resistors on pins 1 and 3 are
required and should be placed as close
to the part as possible to avoid package
resonance and meet error specifications
over frequency.
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Peregrine Specification 102/0142
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com