Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP20401 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP20401
Description  SAW Filter Electrical Characteristic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP20401 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP20401 Datasheet HTML 1Page - SIPAT Co,Ltd SP20401 Datasheet HTML 2Page - SIPAT Co,Ltd SP20401 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIPAT Co.,Ltd
www.sipatsaw.com
China Electronics Technology Group Corporation No.26 Research Institute
P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com
Electrical Specifications (1)
Parameter (2)
Unit
Minimum
Typical
Maximum
Center Frequency, f0
MHz
-
204
-
Insertion Loss at 204 MHz
dB
-
9.0
10.0
1 dB Lower Frequency
1 dB Upper Frequency
MHz
MHz
-
204.3
203.56
204.43
203.70
-
Amplitude Variation
203.7 - 204.3MHz
dB p-p
-
0.6
1
Group Delay Variation
203.7 - 204.3MHz
nsec
-
76
200
Rejection (3)
194 - 200 MHz
200 - 201.5 MHz
201.5 - 202 MHz
206 - 206.5 MHz
206.5 - 209 MHz
209 - 214 MHz
MHz
MHz
MHz
MHz
MHz
MHz
40
40
40
35
40
40
55.0
53.0
46.0
42.0
45.0
51.6
-
-
-
-
-
-
Operating Temperature Range (4)
OC
-10 to +70
OC
Notes:
1. All specifications are based on the test circuit shown below
2. Electrical margin has been built into the design to account for the variations due to manufacturing
tolerances
3. Relative to Insertion loss at 204 MHz
4. This specification is valid for room temperature only
Matching Schematic
Actual matching values may vary due to PCB layout and parasitics
L1=L2=78nH
C1=C2=36pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com