Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST2907 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMST2907
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST2907 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMST2907 Datasheet HTML 1Page - Diodes Incorporated MMST2907 Datasheet HTML 2Page - Diodes Incorporated MMST2907 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30081 Rev. 3 - 2
3 of 3
MMST2907A
www.diodes.com
I BASE CURRENT (mA)
B,
Fig. 2 Typical Collector Saturation Region
0.001
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
I= 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
I = 300mA
C
1.0
5.0
20
10
30
-0.1
-10
-1.0
-30
REVERSE VOLTS (V)
Fig. 1 Typical Capacitance
Cobo
Cibo



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com