Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP38003 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP38003
Description  SAW Filter Electrical Characteristic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP38003 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP38003 Datasheet HTML 1Page - SIPAT Co,Ltd SP38003 Datasheet HTML 2Page - SIPAT Co,Ltd SP38003 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIPAT Co.,Ltd
www.sipatsaw.com
China Electronics Technology Group Corporation No.26 Research Institute
P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com
SP38003 MHz SAW Filter Electrical Characteristic
Features
• For 3G base station applications
• Usable bandwidth of 9.8 MHz
• High attenuation
• Ceramic Surface Mount Package (SMP)
• Small size
Package
Pin Configuration
Surface Mount 7.01 x 5.0 x 1.48 mm :
12
Input
6
Output
10
Balanced input or input ground
4
Balanced output or output ground
3,9
Case ground
1,2,7,8
Not connected
Dimensions shown are nominal in millimeters
All tolerances are +/-0.15mm except overall
length and width +/-0.13mm
Body: Al2O3 eramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 -1.0um,
over a 2 – 6um Ni plating


Similar Part No. - SP38003

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP38003 SIPAT-SP38003 Datasheet
47Kb / 3P
SAW Filter Electrical Characteristic
More results

Similar Description - SP38003

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com