Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBFS19021 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PBFS19021
Description  Mounting hardware not included
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PBFS19021 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PBFS19021 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
PBFS19021
NOTES
Material: 16 ga. Steel (0.057").
Mounting hardware not included.
8X
0.250 X 0.531
SLOT
PART NUMBERS
PBFS19021BK2
PAINTED BLACK (SEMI-GLOSS)
PBFS19021CG2
PAINTED RAL7032 GRAY (SEMI-GLOSS)
PBFS19021GY2
PAINTED ASA61 GRAY (SEMI-GLOSS)
18.19 in
462 mm
5.25 in
133 mm
20.97 in
533 mm
19.00 in
483 mm
1.48 in
38 mm
.50 in
13 mm
7.50 in
190 mm
5.25 in
133 mm


Similar Part No. - PBFS19021

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBFS19021BK2 HAMMOND-PBFS19021BK2 Datasheet
62Kb / 2P
Panneaux pour batis en acier, a bride
PBFS19021GY2 HAMMOND-PBFS19021GY2 Datasheet
62Kb / 2P
Panneaux pour batis en acier, a bride
More results

Similar Description - PBFS19021

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PBFS19005 HAMMOND-PBFS19005 Datasheet
68Kb / 1P
Mounting hardware not included
PBFS19008 HAMMOND-PBFS19008 Datasheet
68Kb / 1P
Mounting hardware not included
PBFS19022 HAMMOND-PBFS19022 Datasheet
69Kb / 1P
Mounting hardware not included
PBPA19008 HAMMOND-PBPA19008 Datasheet
67Kb / 1P
Mounting hardware not included.
PBPA19026 HAMMOND-PBPA19026 Datasheet
68Kb / 1P
Mounting hardware not included
PBPA19029 HAMMOND-PBPA19029 Datasheet
69Kb / 1P
Mounting hardware not included
PBPS19001 HAMMOND-PBPS19001 Datasheet
66Kb / 1P
Mounting hardware not included
PBPS19003 HAMMOND-PBPS19003 Datasheet
66Kb / 1P
Mounting hardware not included
PBPS19029 HAMMOND-PBPS19029 Datasheet
68Kb / 1P
Mounting hardware not included
PCMDS19001 HAMMOND-PCMDS19001 Datasheet
283Kb / 1P
Mounting hardware not included
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com