Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QDM3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # QDM3
Description  QDM3 CYStek Product Specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QDM3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  QDM3 Datasheet HTML 1Page - Cystech Electonics Corp. QDM3 Datasheet HTML 2Page - Cystech Electonics Corp. QDM3 Datasheet HTML 3Page - Cystech Electonics Corp. QDM3 Datasheet HTML 4Page - Cystech Electonics Corp. QDM3 Datasheet HTML 5Page - Cystech Electonics Corp. QDM3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C203M3
Issued Date : 2013.11.20
Revised Date :
Page No. : 1/6
QDM3
CYStek Product Specification
1A/90V Snubber Damping Rectifier
QDM3
Features
• High current capability
• Smoothly soft reverse recovery time (trr)
• Low profile surface mounted package in order to minimize board space
• Pb-free lead plating and halogen-free package
Symbol
Outline
Ordering Information
Device
Package
Shipping
QDM3-0-T2-G
SOT-89
(Pb-free lead plating and halogen-free package)
1000 pcs / Tape & Reel
QDM3
SOT-89
A K N
A:Anode
K:Cathode
N:Not Connected
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T2 :1000 pcs/tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - QDM3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QDM32100TN SCHNEIDER-QDM32100TN Datasheet
144Kb / 2P
PowerPact Q - molded case circuit breaker - 3- pole - 25 kA - 208Y/120 V - 100 A
Sep 18, 2020
QDM32125TN SCHNEIDER-QDM32125TN Datasheet
147Kb / 2P
PowerPact Q - molded case circuit breaker - 3- pole - 25 kA - 208Y/120 V - 125 A
Sep 18, 2020
QDM32150TN SCHNEIDER-QDM32150TN Datasheet
138Kb / 2P
PowerPact Q - molded case circuit breaker - 3- pole - 25 kA - 208Y/120 V - 150 A
Sep 18, 2020
QDM32200TN SCHNEIDER-QDM32200TN Datasheet
138Kb / 2P
PowerPact Q - molded case circuit breaker - 3- pole - 25 kA - 208Y/120 V - 200 A
Sep 18, 2020
More results

Similar Description - QDM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
BTA2029Y3 CYStek Product Specification
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
MTA17A02CDN6 CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
MTDN9946Q8 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
MTEF1P15Q8 CYStek Product Specification
MTEH0N20L3 CYSTEKEC-MTEH0N20L3 Datasheet
298Kb / 8P
MTEH0N20L3 CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
SK2XSA CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com