Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QJCTL3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # QJCTL3
Description  1A Snubber Damping Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJCTL3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  QJCTL3 Datasheet HTML 1Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 2Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 3Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 4Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 5Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C211L3
Issued Date : 2013.07.19
Revised Date : 2013.12.17
Page No. : 2/6
QJL3, QJCTL3
CYStek Product Specification
Absolute Maximum Ratings (TA=25℃, unless otherwise noted)
Parameters
Conditions
Symbol
Value
Units
Repetitive peak reverse voltage
VRRM
600
V
RMS voltage
VRMS
420
V
Continuous reverse voltage
VR
600
V
Single phase half wave,
Forward rectified current
IF(AV)
1
A
60Hz @TJ=25°C
Single phase half wave,
Repetitive Peak Forward Current
IFRM
1.57
A
60Hz @TJ=25°C
8.3ms single half sine-wave
Forward surge current
IFSM
superimposed on rated load
10
A
(JEDEC method)
1
Power Dissipation
PD
W
3
(Note)
Maximum reverse recovery time
IF=0.5A, IR=1.0A, RR=0.25A
trr
3
μs
Storage temperature range
Tstg
-55~+150
°C
Operating junction temperature range
Tj
-55~+150
°C
Note :The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal to
4 square inch minimum.
Characteristics (TA=25
°C, unless otherwise noted)
Characteristic
Symbol
Condition
Min.
Typ
Max.
Unit
VR
IR=100
μA
600
-
-
V
VF 1
IF=100mA
-
-
0.95
Forward Voltage
VF 2
IF=500mA
-
-
1.2
V
IR
VR=540V
-
-
100
nA
Reverse Leakage Current
-
-
10
μA
IR
VR=540V, TA=125
°C
6
Junction Capacitance
CJ
VR=1V, f=1MHz
-
-
pF
Ordering Information
Device
Package
Shipping
QJL3-0-T3-G
SOT-223
2500 pcs / Tape & Reel
(Pb-free lead plating and halogen-free package)
QJCTL3-0-T3-G
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com