Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4958 Datasheet(PDF) 4 Page - NEC

Part # 2SC4958
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4958 Datasheet(HTML) 4 Page - NEC

  2SC4958 Datasheet HTML 1Page - NEC 2SC4958 Datasheet HTML 2Page - NEC 2SC4958 Datasheet HTML 3Page - NEC 2SC4958 Datasheet HTML 4Page - NEC 2SC4958 Datasheet HTML 5Page - NEC 2SC4958 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC4958
4
S–PARAMETER
(VCE = 3 V, IC = 1 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.9410
–9.3
3.3070
167.3
0.0330
82.8
0.9900
–6.8
0.400
0.9280
–17.7
3.1860
156.0
0.0650
78.5
0.9540
–13.7
0.600
0.8670
–26.0
3.0130
144.9
0.0930
71.1
0.9250
–19.5
0.800
0.8150
–33.6
2.8740
134.6
0.1160
67.0
0.8730
–24.9
1.000
0.7280
–41.5
2.6360
124.4
0.1330
59.7
0.8250
–29.5
1.200
0.6700
–47.3
2.5360
115.5
0.1480
59.1
0.7920
–33.6
1.400
0.5970
–51.7
2.3840
107.7
0.1710
53.6
0.7640
–36.6
1.600
0.5430
–56.3
2.2170
100.7
0.1820
52.0
0.7180
–39.9
1.800
0.5040
–60.7
2.0650
95.0
0.1990
49.8
0.6810
–42.4
2.000
0.4350
–64.4
2.0420
88.3
0.2040
51.6
0.6600
–46.9
2.200
0.3920
–69.4
1.9690
82.0
0.2270
48.3
0.6210
–50.1
2.400
0.3560
–71.5
1.8470
76.6
0.2320
50.1
0.6040
–51.8
2.600
0.3240
–81.1
1.7690
71.1
0.2420
46.4
0.5840
–53.6
2.800
0.3120
–76.7
1.7240
68.1
0.2520
45.1
0.5660
–57.6
3.000
0.2450
–85.1
1.6690
63.2
0.2670
45.3
0.5410
–58.3
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.8480
–15.9
7.7420
158.5
0.0320
79.4
0.9640
–11.3
0.400
0.7640
–27.6
6.8190
141.1
0.0560
68.2
0.8730
–20.5
0.600
0.6470
–37.3
5.8070
127.1
0.0770
66.9
0.7950
–26.1
0.800
0.5600
–44.1
5.0060
116.0
0.1000
64.5
0.7140
–30.2
1.000
0.4650
–49.4
4.2790
106.6
0.1110
64.1
0.6540
–33.0
1.200
0.4050
–51.9
3.8350
98.8
0.1250
62.2
0.6250
–34.4
1.400
0.3470
–53.4
3.4290
92.4
0.1340
62.6
0.5850
–36.3
1.600
0.3040
–55.0
3.0820
86.6
0.1570
60.9
0.5530
–38.2
1.800
0.2790
–55.7
2.7740
82.3
0.1840
60.8
0.5450
–39.3
2.000
0.2260
–53.6
2.6370
77.1
0.1910
57.5
0.5140
–42.2
2.200
0.2090
–57.9
2.4900
72.2
0.2090
59.4
0.5020
–45.3
2.400
0.1820
–53.8
2.2890
67.9
0.2260
58.1
0.4850
–46.1
2.600
0.1600
–67.3
2.1710
63.7
0.2280
53.4
0.4680
–47.9
2.800
0.1650
–58.5
2.0820
61.3
0.2580
57.0
0.4650
–51.6
3.000
0.1210
–51.3
2.0030
57.3
0.2670
52.6
0.4490
–51.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com