Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBPC1002 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PBPC1002
Description  10A BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PBPC1002 Datasheet(HTML) 1 Page - Diodes Incorporated

  PBPC1002 Datasheet HTML 1Page - Diodes Incorporated PBPC1002 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21312 Rev. E-2
1 of 2
PBPC1001-PBPC1007
PBPC1001 - PBPC1007
10A BRIDGE RECTIFIER
Features
A
E
G
H
C
B
A
D
AC
AC
+
-
PBPC-8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
22.20
—
D
1.27 Æ Typical
E
5.33
7.37
G
3.60 Æ
4.00 Æ
H
12.70 Typical
J
2.38 X 45° Typical
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol PBPC
1001
PBPC
1002
PBPC
1003
PBPC
1004
PBPC
1005
PBPC
1006
PBPC
1007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1) @ TC = 50°C
(Note 2) @ TC = 50°C
IO
10
8.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage (per element)
@ IF = 5.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
at Rated DC Blocking Voltage (per element)@ TC = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t<8.3ms) (Note 3)
I2t64
A2s
Typical Junction Capacitance, per element (Note 4)
Cj
110
pF
Typical Thermal Resistance Junction to Case (per element) RqJC
7.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Notes:
1. Mounted on metal chassis.
2. Mounted on PC board FR-4 material.
3. Non-repetitive, for t > 1.0ms and < 8.3ms.
4. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
·
Diffused Junction
·
High Current Capability
·
Surge Overload Rating to 150A Peak
·
High Case Dielectric Strength of 1500V
·
Ideal for Printed Circuit Board Application
·
Plastic Material - UL Flammability
Classification 94V-0
·
UL Listed Under Recognized Component Index,
File Number E94661
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Marked on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 Inch-pounds Maximum
·
Weight: 3.8 grams (approx)
·
Mounting Position: Any
·
Marking: Type Number


Similar Part No. - PBPC1002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBPC1002 DIODES-PBPC1002 Datasheet
333Kb / 3P
10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
More results

Similar Description - PBPC1002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ10A WTE-KBJ10A Datasheet
51Kb / 3P
10A BRIDGE RECTIFIER
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
10A BRIDGE RECTIFIER
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
PB1000 WTE-PB1000 Datasheet
32Kb / 3P
10A BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
PBU1001 DIODES-PBU1001 Datasheet
70Kb / 2P
10A BRIDGE RECTIFIER
DS21309 Rev. F-3
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Won-Top Electronics
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
KBU1000 YIXIN-KBU1000 Datasheet
139Kb / 2P
10A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com