Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBPC606 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PBPC606
Description  6.0A BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PBPC606 Datasheet(HTML) 1 Page - Diodes Incorporated

  PBPC606 Datasheet HTML 1Page - Diodes Incorporated PBPC606 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21322 Rev. D-2
1 of 2
PBPC601-PBPC607
PBPC601 - PBPC607
6.0A BRIDGE RECTIFIER
Features
A
E
G
H
C
B
A
D
AC
AC
+
-
PBPC-3
Dim
Min
Max
A
14.73
15.75
B
5.84
6.86
C
19.00
¾
D
0.76Æ Typical
E
1.70
3.20
G
Hole for #6
screw
3.60Æ 4.00Æ
H
10.30
11.30
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol PBPC
601
PBPC
602
PBPC
603
PBPC
604
PBPC
605
PBPC
606
PBPC
607
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1) @ TC = 50°C
(Note 2) @ TC = 50°C
IO
6.0
4.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage (per element)
@ IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
at Rated DC Blocking Voltage (per element)@ TC = 100°C
IR
10
1.0
mA
mA
I2t Rating for Fusing (t < 8.3ms) (Note 3)
I2t64
A2s
Typical Junction Capacitance (Note 4)
Cj
55
pF
Typical Thermal Resistance Junction to Case (per element) RqJC
12.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Notes:
1. Mounted on metal chassis.
2. Mounted on PC board FR-4 material.
3. Non-repetitive, for t > 1.0ms and < 8.3ms.
4. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
·
High Current Capability
·
Surge Overload Rating to 125A Peak
·
High Case Dielectric Strength of 1500V
·
Ideal for Printed Circuit Board Application
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
UL Listed: Recognized Component Index,
File Number E94661
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Marked on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 Inch-pounds Maximum
·
Weight: 3.8 grams (approx)
·
Marking: Type Number


Similar Part No. - PBPC606

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBPC606 DIODES-PBPC606 Datasheet
250Kb / 2P
6.0A BRIDGE RECTIFIER
Rev erse
More results

Similar Description - PBPC606

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
UG6KB05 ZSELEC-UG6KB05_V01 Datasheet
105Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP6005 ZSELEC-GBP6005_V01 Datasheet
122Kb / 2P
6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com