Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBU602 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PBU602
Description  6.0A BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PBU602 Datasheet(HTML) 2 Page - Diodes Incorporated

  PBU602 Datasheet HTML 1Page - Diodes Incorporated PBU602 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS21307 Rev. F-2
2 of 2
PBU601 - PBU607
0.1
1.0
10
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25ºC
Pulse Width = 300 ms
j
100
0.6 0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
50
100
150
200
250
1
10
100
8.3ms Single Half Sine-Wave
JEDEC Method
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
10
100
400
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance Per Element
R
T = 25ºC
f = 1MHz
j
0.01
0.1
1.0
10
0
20
40
60
80
100
120 140
RATED PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T = 25ºC
j
T = 100ºC
j
0
1
2
3
4
5
20
40
60
80
100 120
140
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
Single Phase Half Wave
60 Hz Resistive or Inductive Load
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com