Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEE0GS220SR Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEE0GS220SR
Description  Aluminum Electrolytic Capacitors/ S
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0GS220SR Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEE0GS220SR Datasheet HTML 1Page - Panasonic Semiconductor EEE0GS220SR Datasheet HTML 2Page - Panasonic Semiconductor EEE0GS220SR Datasheet HTML 3Page - Panasonic Semiconductor EEE0GS220SR Datasheet HTML 4Page - Panasonic Semiconductor EEE0GS220SR Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-10 –
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
4
22
3
5.4
A
190.37
1000
EEE0GS220SR
✽✽
(1)
2000
33
4
5.4
B
260.35
1000
EEE0GA330SR
(1)
2000
47
4
5.4
B
340.35
1000
EEE0GA470SR
(1)
2000
100
5
5.4
C
61
0.35
1000
EEE0GA101SR
(1)
1000
220
6.3
5.4
D
820.35
1000
EEE0GA221SP
(1)
1000
330
6.3
5.4
(D)80
0.50
1000
EEE0GA331WP
(1)
1000
470
6.3
7.7
D8
200
0.35
1000
EEE0GA471XP
(1)
900
6.3
22
35.4
(A)
20
0.35
1000
EEE0JS220WR
✽✽
(1)
2000
45.4
B
29
0.26
2000
EEE0JA220SR
(1)
2000
33
4
5.4
(B)
220.35
1000
EEE0JA330WR
(1)
2000
47
45.4
(B)
36
0.35
1000
EEE0JA470WR
(1)
2000
55.4
C
46
0.26
2000
EEE0JA470SR
(1)
1000
100
55.4
(C)
47
0.35
1000
EEE0JA101WR
(1)
1000
6.3
5.4
D
71
0.26
2000
EEE0JA101SP
(1)
1000
220
6.3
5.4
(D)74
0.35
1000
EEE0JA221WP
(1)
1000
330
6.3
7.7
D8
1880.26
2000
EEE0JA331XP
(1)
900
86.2
E
300
0.35
2000
EEE0JA331P
(2)
1000
470
8
10.2
F
3800.35
2000
EEE0JA471P
(2)
500
1000
810.2
(F)
5000.35
2000
EEE0JA102UP
(2)
500
10
10.2
G
700
0.35
2000
EEE0JA102P
(2)
500
1500
10
10.2
G
750
0.35
2000
EEE0JA152P
(2)
500
10
22
4
5.4
(B)
280.30
1000
EEE1AA220WR
(1)
2000
33
45.4
(B)
29
0.30
1000
EEE1AA330WR
(1)
2000
55.4
C
43
0.20
2000
EEE1AA330SR
(1)
1000
47
5
5.4
(C)
430.30
1000
EEE1AA470WR
(1)
1000
100
55.4
(C)
50
0.30
1000
EEE1AA101WR
(1)
1000
6.3
5.4
D
70
0.26
2000
EEE1AA101SP
(1)
1000
220
6.3
7.7
D8
1730.20
2000
EEE1AA221XP
(1)
900
86.2
E
250
0.26
2000
EEE1AA221P
(2)
1000
330
8
10.2
F
3900.26
2000
EEE1AA331P
(2)
500
470
810.2
(F)
3900.26
2000
EEE1AA471UP
(2)
500
10
10.2
G
400
0.26
2000
EEE1AA471P
(2)
500
1000
10
10.2
G
580
0.26
2000
EEE1AA102P
(2)
500
16
10
35.4
A
20
0.18
1000
EEE1CS100SR
✽✽
(1)
2000
45.4
B
28
0.16
2000
EEE1CA100SR
(1)
2000
22
45.4
(B)
28
0.26
1000
EEE1CA220WR
(1)
2000
55.4
C
39
0.16
2000
EEE1CA220SR
(1)
1000
33
5
5.4
(C)
350.26
1000
EEE1CA330WR
(1)
1000
47
55.4
(C)
39
0.26
1000
EEE1CA470WR
(1)
1000
6.3
5.4
D
70
0.16
2000
EEE1CA470SP
(1)
1000
100
6.3
5.4
(D)
700.26
1000
EEE1CA101WP
(1)
1000
86.2
E
200
0.20
2000
EEE1CA101P
(2)
1000
220
6.3
7.7
D8
1620.16
2000
EEE1CA221XP
(1)
900
810.2
F
280
0.20
2000
EEE1CA221P
(2)
500
330
810.2
(F)
3200.20
2000
EEE1CA331UP
(2)
500
10
10.2
G
380
0.20
2000
EEE1CA331P
(2)
500
470
810.2
(F)
3500.20
2000
EEE1CA471UP
(2)
500
10
10.2
G
420
0.20
2000
EEE1CA471P
(2)
500
✽ Size code( ):Miniaturization product
✽✽ Dia.3mm is not recommended for new design. Please consider Dia.4mm.(Available upon request)
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Endurance : 85 °C 2000 h
00 Nov. 2012



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com