Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEFST0E271R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEFST0E271R
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFST0E271R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEFST0E271R Datasheet HTML 1Page - Panasonic Semiconductor EEFST0E271R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-4 –
W1
L
+
–
P
P
Lot No.
Cap.
Polarity bar (Positive)
W.V. code
W1
L
+
P1
P4
P2
P3
P1
–
+
–
■ Features
● Low profile 1.1 mm, 1.4 mm
● Low ESR(6 mΩ), Large capacitance (SS, ST, LS, LT series)
● Low ESL by structure of SP-Cap 50% ESL of current products.
(LS, LT series)
● High temperature reflow soldering applicable.
(Peak : 260 °C 10s, main heating : 230 °C 40s)
● RoHS directive compliant
Surface Mount Type
Series:
SS, ST, LS, LT, CS, CT
■ Specifications
✽ Externals of figure are the reference.
■ Marking
■ Dimensions in mm(not to scale)
✽ Externals of figure are the reference.
Series & Size Code
SS
ST
LS
LT
CS
CT
Category Temp. Range
–40 °C to +105 °C
Rated W.V.Range
2 V.DC to 2.5 V.DC
4 V.DC to 6.3 V.DC
Nominal Cap.Range
180 μF to 220 μF 270 μF to 330 μF 180 μF to 220 μF 270 μF to 330 μF 68 μF to 120 μF 100 μF to 180 μF
Capacitance Tolerance
±20 % (120 Hz / + 20 °C)
DC Leakage Current
I
< 0.1 CV (μA) 2minutes
tan
d
< 0.06 (120 Hz/+20 °C)
Surge Voltage
Rated Working Voltage
× 1.25 (15 °C to 35 °C)
Endurance
After applying rated working voltage for 1000 hours at 105 °C±2 °C, and then being stabilized at +20 °C,
capacitor shall meet the following limits.
Capacitance change
±10% of initial measured value
tan d
< Initial specified value
DC leakage current
< Initial specified value
Moisture resistance
After storing for 500 hours at 60 °C, 90 %
Capacitance change of initial
measurd value
2, 2.5 V.DC
4 V.DC
6.3 V.DC
+70, –20 %
+60, –20 %
+50, –20 %
tan
d
< 200 % of initial specified value
DC leakage current
< Initial specified value
Series &
Size Code
L±0.2
W1±0.2 W2±0.1
H±0.1
P±0.3
SS, CS
7.3
4.3
2.4
1.1
1.3
ST, CT
7.3
4.3
2.4
1.4
1.3
Series &
Size Code
L±0.2 W1±0.2 W2±0.1 H±0.1 P1±0.3 P2±0.1 P3±0.2 P4±0.2
LS
7.3
4.3
2.4
1.1
1.3
1.1
0.7
1.4
LT
7.3
4.3
2.4
1.4
1.3
1.1
0.7
1.4
SS, ST, CS, CT series
LS, LT series
(Unit : mm)
(Unit : mm)
00 Nov. 2012


Similar Part No. - EEFST0E271R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFST0E271R PANASONIC-EEFST0E271R Datasheet
58Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFST0E271R PANASONIC-EEFST0E271R Datasheet
57Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - EEFST0E271R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CX0J101R PANASONIC-EEF-CX0J101R Datasheet
93Kb / 3P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com