Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGF3NCDCNET3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EGF3NCDCNET3
Description  CurrentWatch Current Sensors EGF Series Ground Fault Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EGF3NCDCNET3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EGF3NCDCNET3 Datasheet HTML 1Page - List of Unclassifed Manufacturers EGF3NCDCNET3 Datasheet HTML 2Page - List of Unclassifed Manufacturers EGF3NCDCNET3 Datasheet HTML 3Page - List of Unclassifed Manufacturers EGF3NCDCNET3 Datasheet HTML 4Page - List of Unclassifed Manufacturers EGF3NCDCNET3 Datasheet HTML 5Page - List of Unclassifed Manufacturers EGF3NCDCNET3 Datasheet HTML 6Page - List of Unclassifed Manufacturers EGF3NCDCNET3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
August 2007
2
For more information visit: www.eaton.com
CA05311002E
CurrentWatch™ Current Sensors
EGF Series Ground Fault Sensors
Example Application — CurrentWatch EGF Series
Model Selection — CurrentWatch EGF Series
Stocked product, typical order quantities guaranteed in stock.
Power Supply
Setpoint
AC Solid-State
Output
DC Solid-State
Output
Contacts
Catalog Number
Solid-State Output Sensors
Solid-Core Housing
s
120V AC
Fixed, 50 mA
Solid-State, N.O.,
1A @ 240V AC
Normally Energized
EGF1NOACNE050
Normally De-energized
EGF1NOACDE050
Solid-State, N.C.,
1A @ 240V AC
Normally Energized
EGF1NCACNE050
Normally De-energized
EGF1NCACDE050
Solid-State, N.O.,
0.15A @ 30V DC
Normally Energized
EGF1NODCNE050
Normally De-energized
EGF1NODCDE050
Solid-State, N.C.,
0.15A @ 30V DC
Normally Energized
EGF1NCDCNE050
Normally De-energized
EGF1NCDCDE050
Fixed, 100 mA
Solid-State, N.O.,
1A @ 240V AC
Normally Energized
EGF1NOACNE100
Normally De-energized
EGF1NOACDE100
Solid-State, N.C.,
1A @ 240V AC
Normally Energized
EGF1NCACNE100
Normally De-energized
EGF1NCACDE100
Solid-State, N.O.,
0.15A @ 30V DC
Normally Energized
EGF1NODCNE100
Normally De-energized
EGF1NODCDE100
Solid-State, N.C.,
0.15A @ 30V DC
Normally Energized
EGF1NCDCNE100
Normally De-energized
EGF1NCDCDE100
Tri-Set Adjustable,
5, 10 or 30 mA
Solid-State, N.O.,
1A @ 240V AC
Normally Energized
EGF3NOACNET3
Normally De-energized
EGF3NOACDET3
Solid-State, N.C.,
1A @ 240V AC
Normally Energized
EGF3NCACNET3
Normally De-energized
EGF3NCACDET3
Solid-State, N.O.,
0.15A @ 30V DC
Normally Energized
EGF3NODCNET3
Normally De-energized
EGF3NODCDET3
Solid-State, N.C.,
0.15A @ 30V DC
Normally Energized
EGF3NCDCNET3
Normally De-energized
EGF3NCDCDET3
Ground Fault Sensor
Circuit Interruption Device
E.g. Contactor
Leakage
to Ground
Insulation Breakdown Monitoring



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com