Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4938EP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4938EP
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938EP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4938EP Datasheet HTML 7Page - STMicroelectronics L4938EP Datasheet HTML 8Page - STMicroelectronics L4938EP Datasheet HTML 9Page - STMicroelectronics L4938EP Datasheet HTML 10Page - STMicroelectronics L4938EP Datasheet HTML 11Page - STMicroelectronics L4938EP Datasheet HTML 12Page - STMicroelectronics L4938EP Datasheet HTML 13Page - STMicroelectronics L4938EP Datasheet HTML 14Page - STMicroelectronics L4938EP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
L4938ED, L4938EPD
Application information
Doc ID 17243 Rev 2
11/20
3
Application information
Figure 3.
Application diagram
1.
The leakage of CT must be less than 0.5 mA (2 V). If an external resistor between CT and VOUT1 is applied,
the leakage current may be increased. The external resistor should have more than 30 K
Ω.
For stability: Cs
≥ 1 µF, C01 ≥ 10 µF, C02 ≥ 10 µF, ESR ≤ 5Ω (designed target).
2.
For transients exceeding 20 V or -20 V external protection is required at the pins SI and EN as shown at
pin EN. The protection proposed provides proper function for transients in the range of ±200 V. If the zener
diode is omitted the external resistor should be raised to 200 K
Ω to limit the current to 1 mA. Without the
zener diode, the function 20 V or -20 V can not be guaranteed.
3.1
Functional description
The L4938ED and L4938EPD are monolithic integrated dual voltage regulators, based on
the STM modulator voltage regulator approach. Several outstanding features and auxiliary
functions are implemented to meet the requirements of supplying microprocessor systems
in automotive applications. Nevertheless, it is suitable also in other applications where two
stabilized voltages are required. The modular approach of this device allows to get easy
also other features and functions when required.
3.2
Standby regulator
The standby regulator uses an isolated collector vertical PNP transistor as a regulating
element. With this structure very low dropout voltage at currents up to 100 mA is obtained.
The dropout operation of the standby regulator is maintained down to 3 V input supply
voltage. The output voltage is regulated up to the transient input supply voltage of 40 V. With
this feature no functional interruption due to overvoltage pulses is generated.
(See note 1)
(See note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com