Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4938ED Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4938ED
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4938ED Datasheet HTML 8Page - STMicroelectronics L4938ED Datasheet HTML 9Page - STMicroelectronics L4938ED Datasheet HTML 10Page - STMicroelectronics L4938ED Datasheet HTML 11Page - STMicroelectronics L4938ED Datasheet HTML 12Page - STMicroelectronics L4938ED Datasheet HTML 13Page - STMicroelectronics L4938ED Datasheet HTML 14Page - STMicroelectronics L4938ED Datasheet HTML 15Page - STMicroelectronics L4938ED Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application information
L4938ED, L4938EPD
12/20
Doc ID 17243 Rev 2
In the standby mode when the output 2 is disabled, the current consumption of the device
(quiescent current) is less than 90 µA (14 V supply voltage).
To reduce the quiescent current peak in the undervoltage region and to improve the
transient response in this region, the dropout voltage is controlled. A second regulation path
keeps the output voltage without load below 5.5 V even at high temperatures.
3.3
Output 2 voltage
The output 2 regulator uses the same output structure as the standby regulator but rated for
the output current of 400 mA. The output voltage is internally fixed to 5 V if ADJ is
connected to VOUT2. The output 2 regulator can be switches OFF via the enable input.
Figure 4.
OUT2
Connecting a resistor divider R1E, R2E to the ADJ, OUT2 pin the output voltage 2 can be
programmed to the value of
with RADJ = 60 K to 150 K and VOUT1 = 4.95 to 5.05 V. For an exact calculation the
temperature coefficient (TC - 2000 pprm) of the internal resistor (RADJ) must be taken into
account. Pin ADJ in this mode should not have a capacitive burden because this would
reduce the phase margin of the regulator loop.
3.4
Reset circuit
The reset circuit supervises the standby output voltage. The reset output (RES) is defined
from VOUT ≥ 1 V. Even if VS is lacking, the reset generator is supplied by the output voltage
VOUT1.
The reset threshold of 4.7 V is defined with the internal reference voltage(a) and standby
output divider, when pin PR is left open. The reset threshold voltage can be programmed in
the range from 3.8 V to 4.7 V by connecting an external resistor from pin PR to GND.
V
OU T2
V
OUT1 1
R
1E R2E
R
ADJ
+
()
R
2E RAD J
⋅
-------------------------------------------------
+



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com