Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR6002 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PR6002
Description  6.0A FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR6002 Datasheet(HTML) 2 Page - Diodes Incorporated

  PR6002 Datasheet HTML 1Page - Diodes Incorporated PR6002 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S26007 Rev. A1-2
2 of 2
PR6001 - PR6005
0
2
4
6
8
0
25
50
75
100
125 150 175
T , AMBIENT TEMPERATURE ( C)
Fig.1, Typical Forward Current Derating Curve
A
°
0.1
1
10
100
1000
0.6 0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.3, Typical Instantaneous Forward Characteristics
F
T = 25 C
Pulse Width = 300 s
1% Duty Cycle
J
°
µ
0
100
200
300
400
500
600
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 2 Max Non-Repetitive Peak Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1.0
10
100
1000
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
PR6001 - PR6004
PR6005
T = 25 C
f = 1.0MHz
j
°
50V DC
Approx
50 NI (Non-inductive)
Ω
10 NI
Ω
1.0
NI
Ω
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Ω
Ω
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com