Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5004 Datasheet(PDF) 5 Page - NEC

Part # 2SC5004
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5004 Datasheet(HTML) 5 Page - NEC

  2SC5004 Datasheet HTML 1Page - NEC 2SC5004 Datasheet HTML 2Page - NEC 2SC5004 Datasheet HTML 3Page - NEC 2SC5004 Datasheet HTML 4Page - NEC 2SC5004 Datasheet HTML 5Page - NEC 2SC5004 Datasheet HTML 6Page - NEC 2SC5004 Datasheet HTML 7Page - NEC 2SC5004 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5004
5
S–PARAMETER
VCE = 5 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
VCE = 5 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
2100.00
2200.00
2300.00
2400.00
2500.00
2600.00
2700.00
2800.00
2900.00
3000.00
MAG
.907
.825
.747
.673
.615
.569
.535
.511
.497
.487
.483
.482
.481
.485
.486
.494
.497
.502
.510
.517
.525
.532
.543
.548
.558
.566
.573
.585
.590
.603
ANG
–23.5
–45.3
–67.1
–86.6
–104.4
–118.5
–131.4
–142.6
–152.1
–160.2
–167.4
–174.5
179.7
174.3
168.9
164.3
159.7
155.7
151.5
147.5
143.9
140.9
137.4
134.2
131.7
128.2
126.1
123.1
120.7
118.2
MAG
5.717
5.461
5.224
4.779
4.452
3.938
3.630
3.298
3.039
2.798
2.590
2.420
2.250
2.133
2.001
1.906
1.805
1.728
1.654
1.578
1.525
1.460
1.418
1.360
1.320
1.276
1.236
1.199
1.158
1.132
ANG
154.7
135.7
119.6
105.9
93.4
82.6
72.9
63.7
55.6
47.7
40.7
33.4
26.8
20.2
13.8
7.5
1.0
–4.6
–11.0
–16.7
–22.6
–28.3
–34.0
–39.7
–44.9
–50.7
–55.7
–61.4
–66.4
–71.7
MAG
.033
.056
.074
.083
.092
.097
.102
.106
.112
.116
.121
.126
.132
.137
.143
.150
.157
.163
.171
.178
.188
.196
.206
.214
.224
.235
.244
.256
.263
.278
ANG
70.9
56.2
45.2
36.9
31.0
26.2
22.8
19.5
17.1
14.9
12.5
10.6
8.0
6.0
3.9
1.6
–1.0
–3.1
–5.8
–8.2
–10.9
–13.8
–16.9
–20.5
–23.4
–27.0
–29.9
–33.7
–37.0
–40.9
MAG
.953
.855
.752
.676
.616
.570
.538
.509
.491
.471
.456
.444
.433
.424
.412
.405
.396
.389
.381
.374
.368
.360
.355
.347
.341
.338
.332
.328
.325
.325
ANG
–13.3
–23.5
–30.1
–33.8
–36.9
–38.7
–40.2
–41.9
–43.3
–45.1
–46.5
–48.7
–50.6
–53.4
–55.9
–58.4
–61.1
–63.9
–67.3
–70.6
–74.0
–78.0
–81.7
–86.4
–90.5
–95.6
–100.4
–105.6
–110.9
–116.4
MAG
.840
.719
.624
.549
.503
.472
.454
.443
.440
.436
.437
.441
.443
.449
.453
.462
.465
.473
.481
.491
.499
.506
.518
.523
.535
.541
.549
.563
.568
.582
ANG
–29.2
–57.1
–83.3
–104.8
–122.6
–135.8
–147.1
–156.5
–164.4
–171.5
–177.2
176.7
171.7
167.0
162.5
158.5
154.3
150.9
147.1
143.7
140.4
137.6
134.5
131.7
129.3
126.4
124.3
121.6
119.6
117.1
MAG
8.993
8.284
7.527
6.560
5.797
4.992
4.460
3.972
3.601
3.284
3.029
2.815
2.608
2.452
2.303
2.184
2.075
1.974
1.883
1.795
1.730
1.661
1.608
1.543
1.497
1.446
1.402
1.360
1.312
1.282
ANG
151.3
129.5
112.2
98.3
86.3
76.6
68.0
59.8
52.4
45.2
38.6
31.8
25.5
19.3
13.1
7.2
1.0
–4.6
–10.5
–16.0
–21.9
–27.3
–33.2
–38.7
–43.8
–49.5
–54.6
–60.1
–65.1
–70.4
MAG
.031
.050
.062
.070
.077
.084
.091
.097
.104
.111
.119
.127
.135
.142
.149
.158
.166
.175
.184
.193
.202
.211
.220
.229
.239
.250
.259
.269
.279
.290
ANG
68.1
52.7
44.8
39.1
35.1
32.4
30.3
27.5
25.5
23.0
20.8
18.0
15.8
12.9
9.9
7.1
4.0
1.1
–2.3
–5.4
–9.0
–12.3
–15.9
–19.3
–22.8
–27.0
–30.5
–34.3
–38.2
–42.2
MAG
.915
.771
.648
.565
.508
.467
.440
.415
.399
.381
.370
.359
.348
.340
.328
.321
.312
.304
.297
.290
.283
.274
.269
.260
.254
.250
.244
.242
.236
.237
ANG
–17.9
–29.5
–35.5
–38.1
–40.2
–41.0
–42.1
–43.3
–44.2
–46.1
–46.9
–49.4
–50.9
–53.6
–56.0
–58.2
–61.3
–63.8
–67.5
–70.4
–74.4
–78.3
–82.1
–87.0
–91.1
–97.0
–102.0
–107.8
–113.8
–119.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com