Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELL6UH331M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELL6UH331M
Description  Power Inductors / Wire Wound type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6UH331M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELL6UH331M Datasheet HTML 1Page - Panasonic Semiconductor ELL6UH331M Datasheet HTML 2Page - Panasonic Semiconductor ELL6UH331M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
1
2
3
4
5
6
7
8
9
10
11
Product Code
Design No.
Inductance
Structure
Outer size
Choke Coil (Magnetic shielded type )
Series
H
ELL
Height
R
2.8 max.
S
3.3 max.
U
5.0 max.
221
220 μH
M
±20 %
2R2
2.2 μH
Tolerance
Power Inductors / Wire Wound type
Series:
H
Type:
ELL6RH
ELL6SH
ELL6UH
■ Explanation of Part Numbers
■ Standard Packing Quantity
● 1000 pcs./Reel
■ Cautionary Notes Regarding Usage in DC-DC converters
● Maximum Dissipation of 1 W.
● Maximum case temperature of 105 °C
(Ambient & self-heating temperature)
■ Recommended Applications
● Video, Audio, Mobile communications, Electric
battery driven equipment
● As a decoupling choke coil in DC-DC converters
■ Features
● Thin (height 2.5 mm, 3.0 mm)
● Higher reliability in mounting by separating the user terminal
and internal connection.
● Large current capability
● RoHS compliant
■ Soldering Conditions and Safety Precautions
Please see Data Files.
Sep. 2012
01
42


Similar Part No. - ELL6UH331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6UH331M PANASONIC-ELL6UH331M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type Large current capability RoHS compliant
ELL6UH331M PANASONIC-ELL6UH331M Datasheet
96Kb / 3P
Power Inductors Wire Wound type
ELL6UH331M PANASONIC-ELL6UH331M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type
ELL6UH331M PANASONIC-ELL6UH331M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type
More results

Similar Description - ELL6UH331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type
ELL-VFG2R2NC PANASONIC-ELL-VFG2R2NC Datasheet
95Kb / 3P
Power Inductors / Wire Wound type
ELL6RH PANASONIC-ELL6RH Datasheet
96Kb / 3P
Power Inductors Wire Wound type
CSTCE16M0V53A-R0 PANASONIC-CSTCE16M0V53A-R0 Datasheet
100Kb / 3P
Power Inductors / Wire Wound type
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
Power Inductors / Wire Wound type
ELL-VEG3R3N PANASONIC-ELL-VEG3R3N Datasheet
93Kb / 3P
Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
Power Inductors / Wire Wound type
ELL-VEG4R7N PANASONIC-ELL-VEG4R7N Datasheet
106Kb / 4P
Power Inductors / Wire Wound type
ELL-6RH100M PANASONIC-ELL-6RH100M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
Power Inductors / Wire Wound type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com