Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2007G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR2007G
Description  2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR2007G Datasheet(HTML) 1 Page - Diodes Incorporated

  PR2007G Datasheet HTML 1Page - Diodes Incorporated PR2007G Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S27005 Rev. A1-2
1 of 2
PR2001G - PR2007G
PR2001G - PR2007G
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Diffused Junction
·
Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 80A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.4 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR
2001G
PR
2002G
PR
2003G
PR
2004G
PR
2005G
PR
2006G
PR
2007G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55
°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
80
A
Forward Voltage Drop
@ IF = 2.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
Cj
35
pF
Typical Thermal Resistance Junction to Ambient
RqJA
50
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.


Similar Part No. - PR2007G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR2007G DIODES-PR2007G Datasheet
373Kb / 3P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
SUNMATE electronic Co.,...
PR2007G SUNMATE-PR2007G Datasheet
266Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
logo
Zibo Seno Electronic En...
PR2007G ZSELEC-PR2007G Datasheet
134Kb / 2P
2.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Diodes Incorporated
PR2007G-T DIODES-PR2007G-T Datasheet
373Kb / 3P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
More results

Similar Description - PR2007G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP20A TAITRON-RGP20A Datasheet
133Kb / 4P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
TF201G TAITRON-TF201G Datasheet
126Kb / 4P
2.0A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR20-005G FRONTIER-FR20-005G Datasheet
131Kb / 2P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
RS2AW ZSELEC-RS2AW Datasheet
114Kb / 2P
2.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR201G ZSELEC-FR201G Datasheet
118Kb / 2P
2.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR2001G ZSELEC-PR2001G Datasheet
134Kb / 2P
2.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com