Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # R2000
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

R2000 Datasheet(HTML) 2 Page - Diodes Incorporated

  R2000 Datasheet HTML 1Page - Diodes Incorporated R2000 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S21101 Rev. E-3
2 of 2
R1500-R3000
0
20
40
60
80
100
120
020 40
60
80
100 120 140 160
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Current Derating for Various Lead Lengths
A
L = Lead Length
Copper Area = 5.5mm
2
L = 5mm
L = 10mm
L = 20mm
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0.001
0.01
0.1
1.0
0.6
1.0
1.4
1.8
2.0
R1500
R2000
R3000
0
6
12
18
24
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Fwd Surge Current vs # of Cycles @ 60 Hz
8.3ms Single Half Sine-Wave
JEDEC Method
R1500
R2000
R3000
1.0
10
100
1.0
10
100
1000
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
R1500 - R2000
R3000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com