Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH02 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RH02
Description  0.5A Surface Mount Glass-Passivated Fast Recovery Bridge Rectifiers--
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RH02 Datasheet(HTML) 1 Page - Diodes Incorporated

  RH02 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
_____________________________________________________________________________________________
For more information, contact the Sales Department at
Diodes Incorporated
Tel (805) 446-4800 / Fax (805) 446-4850
www.diodes.com
A B
C
D E
G
H
J
L
K
Key Features / Benefits

1. Very small "MiniDIP" surface mount package--
Occupies only 38% the board space of the standard DF-S package.
2. 1/2 Amp. Average Rectified Current
3. Fast recovery: RH04 Trr 150 nS, max.
4.
30 Amp. forward surge current rating.
End Equipment Applications
!
Ideal for mid-frequency SMPS, DC-DC Converters.
!
Line cards
!
Tip and ring circuits
Crosses to Other Manufacturers’ Parts
!
Diodes Inc
GS
Rectron
!
RH02
RMB2S
FMD3S
!
RH04
RMB4S
FMD4S
!
RH06
RMB6S
FMD5S
Parts are Equivalent to Their Competition!
Availability
!
Samples Now Available
!
Production Quantities stock to 6 to 8 weeks
!
Data Sheet available NOW at: http://www.diodes.com/datasheets/ds30137.pdf
MiniDIP
Dim
Min
Max
A
5.43
5.75
B
3.6
4.0
C
0.15
0.35
D
0.05
0.20
E
--
7.0
G
0.70
1.10
H
4.5
4.9
J
2.8
2.9
K
2.5
2.7
L
0.50
0.80
All Dimensions in mm
New Product Announcement
June 2001
0.5A Surface Mount Glass-Passivated Fast Recovery Bridge Rectifiers--
SAVE 62% Board Space: RH02 - RH06 !


Similar Part No. - RH02

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
RH02 LITEON-RH02 Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
RH02 DIODES-RH02 Datasheet
78Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER
DS30137 Rev. 6 - 2
RH02-T DIODES-RH02-T Datasheet
78Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER
DS30137 Rev. 6 - 2
logo
Solid States Devices, I...
RH0227 SSDI-RH0227 Datasheet
200Kb / 2P
RECTIFIER
RH0227 SSDI-RH0227_15 Datasheet
200Kb / 2P
HYPER FAST RECTIFIER
More results

Similar Description - RH02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RH02 DIODES-RH02_1 Datasheet
78Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER
DS30137 Rev. 6 - 2
logo
PACELEADER INDUSTRIAL
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Diodes Incorporated
RH02 DIODES-RH02_15 Datasheet
75Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER
Rev erse
logo
HY ELECTRONIC CORP.
RS1AL HY-RS1AL_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
SMBF202F GOOD-ARK-SMBF202F Datasheet
392Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MB1F-05 YFWDIODE-MB1F-05 Datasheet
493Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB1S-05 YFWDIODE-MB1S-05 Datasheet
496Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UM1B-05 YFWDIODE-UM1B-05 Datasheet
472Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com