Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM708MS Datasheet(PDF) 13 Page - Union Semiconductor, Inc.

Part # UM708MS
Description  Supply Voltage Supervisor w/Watchdog Input and Manual Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM708MS Datasheet(HTML) 13 Page - Union Semiconductor, Inc.

Back Button UM708MS Datasheet HTML 7Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 8Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 9Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 10Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 11Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 12Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 13Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 14Page - Union Semiconductor, Inc. UM708MS Datasheet HTML 15Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 May.2014
13/15
UM706xS/UM708xS
Package Information
UM706xS SOP8
Outline Drawing
D
e
1
2
Top View
c
End View
b
Side View
θ
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.33
0.51
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.270 (BSC)
0.050 (BSC)
L
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
Land Pattern
1.27
0.50
NOTES:
1. Compound dimension: 4.90×3.90;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com