Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S3M
Description  3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S3M Datasheet(HTML) 1 Page - Diodes Incorporated

  S3M Datasheet HTML 1Page - Diodes Incorporated S3M Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS16005 Rev. 8 - 2
1 of 2
S3A/B-S3M/B
S3A/B - S3M/B
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Features
AB, BB, DB, GB, JB, KB, MB Suffix Designates SMB Package
A, B, D, G, J, K, M Designates SMC Package
SMB
SMC
Dim
Min
Max
Min
Max
A
3.30
3.94
5.59
6.22
B
4.06
4.57
6.60
7.11
C
1.96
2.21
2.75
3.18
D
0.15
0.31
0.15
0.31
E
5.00
5.59
7.75
8.13
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.00
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Low Forward Voltage Drop and High Current
Capability
·
Surge Overload Rating to 100A Peak
·
Ideally Suited for Automatic Assembly
Mechanical Data
·
Case: Molded Plastic
·
Case Material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solder Plated Terminal - Solderable
per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Weight: SMB 0.093 grams (approx)
SMC 0.21 grams (approx)
·
Marking: Type Number & Date Code,
See Page 2
·
Ordering Information: See Page 2
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbo
S3
A/AB
S3
B/BB
S3
D/DB
S3
G/GB
S3
J/JB
S3
K/KB
S3
M/MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
30
70
140
280
420
560
700
V
Average Rectified Output Current
@TT = 75°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
100
A
Forward Voltage
@ IF = 3.0A
VFM
1.15
V
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125 °C
IRM
10
250
µA
Typical Total Capacitance (Note 1)
CT
40
pF
Typical Thermal Resistance Junction to Terminal
(Note 2)
RqJT
10
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance: Junction to Terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink.


Similar Part No. - S3M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3M PANJIT-S3M Datasheet
415Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Surge Components
S3M SURGE-S3M Datasheet
78Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 3.0 Ampere????
logo
Transys Electronics
S3M TRSYS-S3M Datasheet
158Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S3M JGD-S3M Datasheet
169Kb / 2P
1.0 AMPS SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S3M SSE-S3M Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S3M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR3001G DIODES-PR3001G Datasheet
61Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. D-2
PR3001G DIODES-PR3001G_1 Datasheet
366Kb / 3P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. 6 - 2
logo
TAITRON Components Inco...
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
RGF3AB TAITRON-RGF3AB Datasheet
175Kb / 6P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
TF301G TAITRON-TF301G Datasheet
128Kb / 4P
3.0A Glass Passivated Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
RGP30A ZSELEC-RGP30A Datasheet
86Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR301G ZSELEC-FR301G Datasheet
83Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG300R ZSELEC-PG300R Datasheet
136Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR3001G ZSELEC-PR3001G Datasheet
136Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com