Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1DB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # S1DB
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1DB Datasheet(HTML) 2 Page - Diodes Incorporated

  S1DB Datasheet HTML 1Page - Diodes Incorporated S1DB Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS16003 Rev. 8 - 2
2 of 2
S1A/B - S1M/B
0
0.2
0.4
0.6
0.8
1.0
40
60
80
100
120
140
160
180
T , TERMINAL TEMPERATURE (
°C)
T
Fig. 1 Forward Current Derating Curve
Resistive or
inductive load
0
40
80
120
0.01
0.1
1.0
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T= 25
°C
j
T = 125
°C
j
1
10
100
5
10
15
20
25
30
NUMBER OF CYCLES @ 60Hz
Fig.3 Typical Forward Characteristics
8.3ms Single half sine-wave
JEDEC Method
0.4
0.8
0.01
0.1
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
1.0
T= 25
°C
j
PULSE WIDTH = 300
ms
2% DUTY CYCLE
01.6
1.2
XXX = Product type marking code, ex: S1A (SMA package)
XXXX = Product type marking code, ex: S1AB (SMB package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
XXX(X)
Marking Information
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
* x = Device type, e.g. S1A-7 (SMA package); S1AB-7 (SMB package).
Device*
Packaging
Shipping
S1x-7
S1xB-7
SMA
SMB
5000/Tape & Reel
3000/Tape & Reel
Ordering Information (Note 3)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com