Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2RL24DC5 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G2RL24DC5
Description  A Power Relay with Various Models
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL24DC5 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G2RL24DC5 Datasheet HTML 1Page - Omron Electronics LLC G2RL24DC5 Datasheet HTML 2Page - Omron Electronics LLC G2RL24DC5 Datasheet HTML 3Page - Omron Electronics LLC G2RL24DC5 Datasheet HTML 4Page - Omron Electronics LLC G2RL24DC5 Datasheet HTML 5Page - Omron Electronics LLC G2RL24DC5 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
222
PCB Relay
G2RL
■ Coils Ratings for High-sensitivity Models
Note: The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
■ Contact Ratings
Note: Contact your OMRON representative for the ratings on fully sealed models.
■ Characteristics
Note: Values in the above table are the initial values.
Rated voltage
5 VDC
12 VDC
24 VDC
Rated current
50.0 mA
20.8 mA
10.42 mA
Coil resistance
100
Ω
576
Ω
2,304
Ω
Must operate voltage
75% max. of the rated voltage
Must release voltage
10% min. of the rated voltage
Max. voltage
180% of rated voltage (at 23
°C)
Power consumption
Approx. 250 mW
Item
General-purpose Models
High-capacity Models
High-sensitivity Models
Number of poles
1 pole
2 poles
1 pole
1 pole
Contact material
Ag Alloy (Cd free)
Load
Resistive load (cos
φ=1)
Rated load
12 A at 250 VAC
12 A at 24 VDC
(See note.)
8 A at 250 VAC
8 A at 30 VDC
(See note.)
16 A at 250 VAC
16 A at 24 VDC
(See note.)
10 A at 250 VAC
10 A at 24 VDC
(See note.)
Rated carry current
12 A (See note.)
8 A (70
°C)/5 A (85°C)
(See note.)
16 A (See note.)
10 A (See note.)
Max. switching voltage
440 VAC, 300 VDC
Max. switching current
12 A
8 A
16 A
10 A
Max. switching power
3,000 VA (4,000 VA)
2,000 VA
4,000 VA
2,500 VA
Item
General-purpose
(High-capacity) Models
General-purpose Models
High-sensitivity Models
Number of poles
1 pole
2 pole
1 pole
Contact resistance
100 m
Ω max.
Operate (set) time
15 ms max.
Release (reset) time
5 ms max.
Max. operating frequency Mechanical:18,000 operation/hr
Electrical:1,800 operation/hr at rated load
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
5,000 VAC, 1 min between coil and
contacts
1,000 VAC, 1 min between contacts
of same polarity
5,000 VAC, 1 min between coil and
contacts
2,500 VAC, 1 min between contacts of
different polarity
1,000 VAC, 1 min between contacts of
same polarity
5,000 VAC, 1 min between coil and
contacts
1,000 VAC, 1 min between contacts
of same polarity
Impulse withstand voltage 10 kV (1.2
×50 μs) between coil and contact
Vibration resistance
Destruction:10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Malfunction:10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Shock resistance
Destruction:1,000 m/s2 (approx. 100 G)
Malfunction:100 m/s2 (approx. 10 G)
Endurance (Mechanical)
20,000,000 operations (at 18,000 operations/hr)
Ambient temperature
Operating:–40
°C to 85°C (with no icing)
Storage:–40
°C to 85°C (with no icing)
Ambient humidity
5% to 85%
Weight
Approx. 12 g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com