Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB520 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SB520
Description  5.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB520 Datasheet(HTML) 3 Page - Diodes Incorporated

  SB520 Datasheet HTML 1Page - Diodes Incorporated SB520 Datasheet HTML 2Page - Diodes Incorporated SB520 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS23024 Rev. 6 - 2
3 of 3
SB520 - SB560
www.diodes.com
0
10
20
30
40
60
50
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 7 Typical Reverse Characteristics, SB550 & SB560
1000
100
10
1.0
0.1
10,000
T = 125°C
j
T = 100°C
j
T = 75°C
j
T = 25°C
j



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com