Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLSD103C-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LLSD103C-7
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LLSD103C-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  LLSD103C-7 Datasheet HTML 1Page - Diodes Incorporated LLSD103C-7 Datasheet HTML 2Page - Diodes Incorporated LLSD103C-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30068 Rev. 5 - 3
1 of 3
LLSD103A - 103C
www.diodes.com
© Diodes Incorporated
LLSD103A - 103C
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
•
Low Forward Voltage Drop
•
Guard Ring Construction for Transient Protection
•
Fast Reverse Recovery Time
•
Lead Free Finish, RoHS Compliant (Note 3)
•
Case: MiniMELF
•
Case Material: Glass. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish
 Sn97.5Ag2.5. Solderable per
MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Ordering Information: See Last Page
•
Marking: Cathode Band Only
•
Weight: 0.05 grams (approximate)
Mechanical Data
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
A
C
B
Maximum Ratings @ TA = 25°C unless otherwise specified
Note:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied where applicable,
see EU Directive Annex Notes 5 and 7.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
LLSD103A
LLSD103B
LLSD103C
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current (Note 1)
IFM
350
mA
Repetitive Peak Forward Current
@ t
≤ 1.0s
IFRM
1.0
A
Non-Repetitive Peak Forward Surge Current
@ t
≤ 1.0s
@ t = 10ms
IFSM
1.5
7.5
A
Power Dissipation (Note 1)
Pd
400
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
250
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage
VF
0.37
0.60
V
IF = 20mA
IF = 200mA
Peak Reverse Current (Note 2)
LLSD103A
LLSD103B
LLSD103C
IR
5.0
µA
VR = 30V
VR = 20V
VR = 10V
Total Capacitance
CT
50
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
10
ns
IF = IR = 50mA to 200mA,
Irr = 0.1 x IR, RL = 100
Ω
NOT RECOMMENDED FOR NEW DESIGNS
PLEASE USE SD103AW - SD103CW


Similar Part No. - LLSD103C-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LLSD103C DIODES-LLSD103C Datasheet
140Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30068 Rev. 2 - 2
logo
Micro Commercial Compon...
LLSD103C MCC-LLSD103C Datasheet
361Kb / 2P
Schottky Barrier Switching Diode
logo
Pan Jit International I...
LLSD103C PANJIT-LLSD103C Datasheet
46Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
logo
Shanghai Lunsure Electr...
LLSD103C CHENYI-LLSD103C Datasheet
330Kb / 2P
Schottky barrier switching diode
logo
Pan Jit International I...
LLSD103C PANJIT-LLSD103C Datasheet
83Kb / 3P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
More results

Similar Description - LLSD103C-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com