Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMCL Datasheet(PDF) 4 Page - Littelfuse

Part # P3602ACMCL
Description  MC Series - Modified TO-220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3602ACMCL Datasheet(HTML) 4 Page - Littelfuse

  P3602ACMCL Datasheet HTML 1Page - Littelfuse P3602ACMCL Datasheet HTML 2Page - Littelfuse P3602ACMCL Datasheet HTML 3Page - Littelfuse P3602ACMCL Datasheet HTML 4Page - Littelfuse P3602ACMCL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SIDACtor® ProtectionThyristors
83
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband Optimized™ Protection
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Soldering Parameters
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com