Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB-5R0V105-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PB-5R0V105-R
Description  Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PB-5R0V105-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PB-5R0V105-R Datasheet HTML 1Page - Cooper Bussmann, Inc. PB-5R0V105-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions (mm)
Vertical Part #
Horizontal Part #
A
B
C
d’
D
D’
E
E’
F
P
PB-5R0V104-R
PB-5R0H104-R
6.0
11.3
13.0
0.5
20
15
25
20
2.0
7.3
PB-5R0V474-R
PB-5R0H474-R
9.0
17.3
14.5
0.5
20
15
25
20
2.0
11.8
PB-5R0V105-R
PB-5R0H105-R
9.0
17.3
22.0
0.5
20
15
25
20
2.0
11.8
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
North America
Cooper Bussmann
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-636-527-1607
Europe
Cooper Bussmann
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Bussmann
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Bussmann
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
©.2011 Cooper Bussmann
www.cooperbussmann.com
1211
BU-SB111358
Page 2 of 2
Data Sheet: 4393
l
a
t
n
o
z
i
r
o
H
l
a
c
i
t
r
e
V
B
C
P
C
A
A
D
E
d'
P
B
C
P
E'
FC
A
A
D'
F
d'
Positive lead
Positive lead
Manufacturer
Capacitance (F)
Max Operating Voltage (V)
Series Code (or part number)
Polarity
Packaging:
• Standard packaging: Bulk, 100 units per bag.
• Larger bulk packages available on request.
Part Marking
Packaging Information
Minimum
± 0.02
± 0.5
Maximum
Tolerances
Note: Longer lead is positive.
Part Numbering System
PB
−
5R
0
Series
Voltage (V)
Capacitance (
μF)
Code
Version
R = Decimal
Configuration
Value
Multiplier
P Series
High Capacitance
5R0 = 5.0V
V = Vertical
Example: 474 = 47 x 10
4µF or 0.47F
H = Horizontal



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com