Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF0201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCF0201
Description  Precision Thin Film Nichrome Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF0201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCF0201 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCF0201 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCF0201 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF0201 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF0201 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
1.14
· Precision thin film technology
· Extended ohmic range 1R - 3M
· Precision to ±0.01% and 5ppm/°C
· Passivated range for superior humidity performance
· Load life stability and humidity to 0.05%
· RoHS compliant Pb-free terminations
A subsidiary of
TT electronics plc
03.11
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Precision Surface
Mount Resistors
Precision metal film technology
Extended ohmic range 1R - 3M
Precision to ±0.01% and 5ppm/°C
TCR grades 50, 25, 15, 10, 5ppm/°C
Passivated range for superior humidity performance
Load life stability and humidity to 0.05%
Note 1: Standard values E24 or E96. Other values may be available by request.
Note 2: Higher values available on request.
Electrical Data - Standard Range
PCF Series
Type
TCR
(ppm/ºC)
Power
(W)
Limiting Element
Voltage (V)
Ohmic Value Range1
1% & 0.5%
0.25%
0.1%
0.05%
0.01%
PCF0201
50
0.031
15
49R9-33K
-
25
49R9-5K
PCF0402
50
0.063
25
10R-205K
-
25
15
-
49R9-33K
10
49R9-12K
5
49R9-5K
PCF0603
50
0.063
50
2R-1M
4R7-1M
4R7-332K
-
25
15
-
4R7-332K
24R9-100K
10
5
24R9-15K
PCF0805
50
0.1
100
1R-2M
4R7-2M
4R7-511K
-
25
15
-
4R7-511K
24R9-200K
10
5
24R9-30K 2
24R9-30K
PCF1206
50
0.125
150
1R–2M5
4R7-2M5
4R7-511K
-
25
15
-
4R7-1M
24R9-500K
10
5
24R9-50K 2
24R9-50K
PCF1210
50
0.2
150
1R–2M5
4R7-2M5
4R7-1M
-
25
15
-
4R7-1M
24R9-500K
10
5
24R9-50K 2
24R9-50K
PCF2010
50
0.25
150
1R–3M
4R7-3M
4R7-1M
-
25
15
-
4R7-1M
24R9-500K
10
5
24R9-100K
PCF2512
50
0.5
150
1R–3M
4R7-3M
4R7-1M
-
25
15
-
4R7-1M
24R9-500K
10
5
24R9-100K


Similar Part No. - PCF0201

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PCF0201 TTELEC-PCF0201 Datasheet
813Kb / 6P
precision thin film technology
PCF0201 TTELEC-PCF0201 Datasheet
880Kb / 6P
Precision Thin Film Nichrome Chip Resistors
05.18
PCF0201 TTELEC-PCF0201 Datasheet
872Kb / 6P
Precision Thin Film Nichrome Chip Resistors
12.16
PCF0201H-02-E24BA TTELEC-PCF0201H-02-E24BA Datasheet
872Kb / 6P
Precision Thin Film Nichrome Chip Resistors
12.16
PCF0201H-02-E24BA TTELEC-PCF0201H-02-E24BA Datasheet
778Kb / 6P
Precision Thin Film Nichrome Chip Resistors
06.18
More results

Similar Description - PCF0201

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
Precision Thin Film Nichrome Chip Resistor
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com