Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI6140 Datasheet(PDF) 2 Page - PLX Technology

Part # PCI6140
Description  PCI 6140 Key Features
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6140 Datasheet(HTML) 2 Page - PLX Technology

  PCI6140 Datasheet HTML 1Page - PLX Technology PCI6140 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
Issue No. 14
Is There Enough Bandwidth with 32-
bits/33MHz PCI?
The 32-bit, 33MHz PCI bus allows a maximum
throughput of 125MB/s, (or 1000Mb/s). Compare
this with the maximum rates for USB 2.0 (480Mb/s),
Firewire (400Mb/s) or 10/100 Ethernet (100 Mb/s).
You can see there is plenty of bandwidth for the
devices behind a 32-bit bridge like the PCI 6140.
The PCI 6140 is Optimized for These
Applications:
♦
PCI Latency-Sensitive Systems
♦
PCI-Retry Penalty Sensitive Systems
♦
PCI Slave Access Intensive Bridging Functions
♦
Low Power Systems
♦
CompactPCI Systems Using Hot Swap
Lead Free Packaging available NOW!
The PCI 6140 is available in lead-free, RoHS
compliant versions as well as the traditional leaded
packages.
Part Number
Package
Speed
PCI 6140-AA33PC
Standard Leaded PQFP
Package
33MHz
PCI 6140-AA33PC G
Lead-Free RoHS Green PQFP
Packaging
33MHz
USB
2.0
480Mb/s
PCI 6140
Firewire
400Mb/s
Ethernet
100Mb/s
32/33 PCI (1000 Mb/s)
PLX Advantages
♦
The industry’s best PCI expertise and support
♦
Ultra Low Power (200mW)
♦
Low cost
Design Tools & Documentation:
On PLX Public ToolBox:
http://www.plxtech.com/products/fastlane_bridg
es/PCI6140/default.asp
♦
DataBook, IBIS Models, App Notes, Product
Brief, Hspice Models
Contact Information
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Applications Support: Local FAE
Product Marketing:
Steve Moore smoore@plxtech.com
Web Site: www.plxtech.com
© 2005 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are
registered trademarks of PLX Technology, Inc. Fastlane, ExpressLane, Power-
D r i v e a n d the PowerDrive logo are trademarks of PLX Technology, Inc.,
which may be registered in some jurisdiction. All other product names that
appear in this material are for identification purposes only and are
acknowledged to be trademarks or registered trademarks of their respective
companies. Information supplied by PLX is believed to be accurate & reliable,
but PLX Technology, Inc. assumes no responsibility for any errors that may
appear in this material. PLX Technology, Inc. reserves the right, without notice,
to make changes in product design or specification.
6140-Combo-EA-1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com