Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2010H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCF2010H
Description  Precision Thin Film Nichrome Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCF2010H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCF2010H Datasheet HTML 1Page - List of Unclassifed Manufacturers PCF2010H Datasheet HTML 2Page - List of Unclassifed Manufacturers PCF2010H Datasheet HTML 3Page - List of Unclassifed Manufacturers PCF2010H Datasheet HTML 4Page - List of Unclassifed Manufacturers PCF2010H Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
1.14
Construction
A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor.
The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts
the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each
resistor is measured immediately before packing into tape.
Terminations
The chips are supplied with 100% Sn matte plated wrap-around terminations suitable for soldering.
* Standard values E24 or E96. Other values may be available by request.
Precision Surface Mount Resistors
W
0.3 ± 0.05
0.5 ± 0.05
0.8 ± 0.2
1.25 ± 0.2
1.6 ± 0.2
2.6 ± 0.2
2.4 ± 0.2
3.1 ± 0.2
L
0.6 ± 0.05
1.0 ± 0.05
1.6 ± 0.2
2.0 ± 0.2
3.2 ± 0.2
3.2 ± 0.2
4.9 ± 0.2
6.3 ± 0.2
Tmax
0.26
0.40
0.55
0.65
0.65
0.50
0.65
0.65
A
0.12 ± 0.05
0.2 ± 0.1
0.3 ± 0.2
0.4 ± 0.2
0.5 ± 0.2
0.45 ± 0.2
0.5 ± 0.2
0.5 ± 0.2
C
0.12 ± 0.05
0.2 ± 0.1
0.3 ± 0.2
0.4 ± 0.2
0.5 ± 0.2
0.5 ± 0.2
0.6 ± 0.2
0.6 ± 0.2
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
0201
0402
0603
0805
1206
1210
2010
2512
Dimensions (mm) & Weight (mg)
Wt
1
3
6
9
20
25
36
55
PCF Series
Physical Data
Electrical Data - High Power Range
Electrical Data - Passivated Range
Type
TCR
(ppm/ºC)
Power
(W)
Limiting Element
Voltage (V)
Ohmic Value Range
0.5%
0.25%
0.1%
0.05%
0.01%
PCF0603H
50
0.1
75
4R7-332K
24R9-100K
25
15
10
5
24R9-15K
PCF0805H
50
0.125
150
4R7-1M
4R7-511K
24R9-200K
25
15
10
4R7-511K
5
24R9-30K
PCF1206H
50
0.25
200
4R7-1M
24R9-500K
25
15
10
5
24R9-50K
PCF1210H
50
0.33
200
4R7-1M
24R9-500K
25
15
10
5
24R9-50K
Type
TCR
(ppm/ºC)
Power
(W)
Limiting Element
Voltage (V)
Ohmic Value Range *
0.5%
0.25%
0.1%
0.05%
0.01%
PCF0402P
50
0.063
25
25R-25K
25
15
49R9-12K
PCF0603P
50
0.063
50
25R-332K
25
15
25R-100K
PCF0805P
50
0.1
100
10R-800K
25
15
25R-200K
PCF1206P
50
0.125
150
10R-1M
25
15
25R-500K
PCF2010P
50
0.25
150
10R-1M
25
15
25R-500K
PCF2512P
50
0.5
150
10R-1M
25
15
25R-500K
Type
TCR
(ppm/ºC)
Power
(W)
Limiting
Element
Voltage (V)
Ohmic Value Range *
0.5%
0.25%
0.1%
0.05%
0.01%
PCF0603H
50
0.1
75
4R7-1M
4R7-332K
24R9-100K
25
15
4R7-332K
10
5
24R9-15K
PCF0805H
50
0.125
150
1R-1M
4R7–1M
4R7-511K
24R9-200K
25
15
4R7-1M
10
4R7-511K
5
24R9-30K
PCF1206H
50
0.25
200
4R7-1M
24R9-500K
25
15
10
5
24R9-50K
PCF1210H
50
0.33
200
4R7-1M
24R9-500K
25
15
10
5
24R9-50K
PCF2010H
50
0.33
200
4R7-1M
24R9-500K
25
15
10
5
24R9-50K
PCF2512H
50
0.75
200
1R-2K
4R7-2K
24R9-2K
25
15
10
Type
TCR
(ppm/ºC)
Power
(W)
Limiting Element
Voltage (V)
Ohmic Value Range *
0.5%
0.25%
0.1%
PCF0402P
50
0.063
25
25R-25K
25
15
49R9-12K
PCF0603P
50
0.063
50
25R-332K
25
15
25R-100K
PCF0805P
50
0.1
100
10R-800K
25
15
25R-200K
PCF1206P
50
0.125
150
10R-1M
25
15
25R-500K
PCF2010P
50
0.25
150
10R-1M
25
15
25R-500K
PCF2512P
50
0.5
150
10R-1M
25
15
10R-1M
Type
TCR
(ppm/ºC)
Power
(W)
Limiting
Element
Voltage
(V)
Ohmic Value Range *
0.5%
0.25%
0.1%
0.05%
0.01%
PCF0603X
50
0.166
100
10R-332K
25
PCF0805X
50
0.25
150
10R-500K
25
PCF1206X
50
0.333
200
10R-1M
25
PCF2512X
50
1
200
1R-100R
4R7-100R
25
* Standard values E24 or E96. Other values may be available by request.
Electrical Data - High Power Range
Electrical Data - Extended High Power Range
Electrical Data - Passivated Range
* Standard values E24 or E96. Other values may be available by request.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com