Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1104-R20-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HCM1104-R20-R
Description  High Current Power Inductors HCM1104 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCM1104-R20-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HCM1104-R20-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCM1104-R20-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCM1104-R20-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCM1104-R20-R Datasheet HTML 4Page - Cooper Bussmann, Inc. HCM1104-R20-R Datasheet HTML 5Page - Cooper Bussmann, Inc. HCM1104-R20-R Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.00.2
0.40.6
0.81.0
1.21.4
1.61.8
2.0
Total Loss (W)
HCM1104-1R0-R
HCM1104-3R3-R
HCM1104-100-R
HCM1104-R20 thru R90-R
Supplied in tape and reel packaging, 850 parts per 13” diameter reel.
Packaging Information - mm
0312
BU-SB12258
Page 2 of 6
Data Sheet: 4370
Dimensions - mm
Temperature Rise vs. Total Loss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com