Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5009 Datasheet(PDF) 7 Page - NEC

Part # 2SC5009
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5009 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5009 Datasheet HTML 2Page - NEC 2SC5009 Datasheet HTML 3Page - NEC 2SC5009 Datasheet HTML 4Page - NEC 2SC5009 Datasheet HTML 5Page - NEC 2SC5009 Datasheet HTML 6Page - NEC 2SC5009 Datasheet HTML 7Page - NEC 2SC5009 Datasheet HTML 8Page - NEC 2SC5009 Datasheet HTML 9Page - NEC 2SC5009 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5009
7
S-PARAMETER
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.848
–7.5
6.214
154.0
.017
81.7
.976
–6.2
200.00
.815
–16.8
5.946
152.2
.033
78.1
.956
–12.0
300.00
.783
–25.0
5.820
146.4
.048
73.3
.922
–17.5
400.00
.741
–32.7
5.623
139.7
.062
68.6
.883
–22.4
500.00
.698
–40.2
5.466
133.3
.073
64.7
.837
–26.5
600.00
.647
–47.1
5.176
126.5
.083
61.5
.793
–30.1
700.00
.596
–53.6
4.962
120.2
.092
59.5
.752
–33.3
800.00
.549
–60.0
4.751
114.1
.101
56.8
.710
–35.9
900.00
.501
–65.5
4.506
108.3
.108
55.4
.673
–38.3
1000.00
.453
–71.2
4.304
103.1
.114
53.0
.639
–40.0
1100.00
.409
–76.2
4.089
98.0
.121
52.4
.609
–41.6
1200.00
.369
–81.3
3.886
93.3
.127
51.1
.583
–43.0
1300.00
.332
–85.7
3.680
89.1
.134
50.5
.559
–44.3
1400.00
.298
–90.3
3.495
84.9
.139
49.6
.540
–45.6
1500.00
.266
–95.2
3.318
81.1
.146
49.1
.520
–46.6
1600.00
.237
–99.6
3.163
77.4
.153
48.3
.504
–47.8
1700.00
.213
–104.6
3.024
74.0
.158
47.5
.487
–49.1
1800.00
.190
–110.0
2.885
70.7
.164
47.3
.476
–50.6
1900.00
.168
–116.0
2.770
67.6
.171
46.5
.461
–51.8
2000.00
.154
–121.6
2.658
64.5
.180
45.9
.437
–52.9
2100.00
.139
–129.2
2.557
61.6
.186
44.9
.423
–54.1
2200.00
.125
–136.5
2.467
58.6
.194
44.4
.412
–55.6
2300.00
.115
–146.2
2.386
56.0
.200
43.1
.399
–57.1
2400.00
.108
–155.8
2.308
53.3
.207
42.5
.384
–59.0
2500.00
.104
–166.9
2.231
50.5
.215
41.7
.375
–60.5
2600.00
.103
–177.4
2.172
48.0
.222
40.6
.363
–62.5
2700.00
.105
171.6
2.104
45.5
.228
39.9
.349
–64.6
2800.00
.110
162.0
2.045
43.1
.236
38.7
.337
–66.4
2900.00
.117
154.2
1.990
40.6
.242
37.8
.324
–68.4
3000.00
.124
146.9
1.939
38.3
.250
36.5
.313
–70.2
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.901
–5.2
4.504
156.3
.017
85.9
.987
–5.1
200.00
.883
–11.4
4.431
156.9
.033
80.5
.978
–10.1
300.00
.867
–17.2
4.464
153.0
.049
76.5
.956
–14.8
400.00
.842
–23.0
4.442
147.8
.063
73.1
.932
–19.5
500.00
.816
–28.8
4.434
142.8
.077
69.4
.900
–23.8
600.00
.787
–34.1
4.278
137.2
.090
65.6
.870
–27.9
700.00
.753
–39.7
4.215
131.7
.101
62.2
.836
–31.6
800.00
.719
–45.3
4.151
126.0
.111
59.3
.799
–35.0
900.00
.678
–50.3
4.031
120.9
.120
56.7
.760
–38.4
1000.00
.635
–56.2
3.993
115.3
.128
54.5
.725
–41.1
1100.00
.590
–61.6
3.920
109.9
.136
52.5
.690
–43.5
1200.00
.544
–66.7
3.816
104.7
.143
50.5
.659
–45.7
1300.00
.502
–71.5
3.683
99.9
.149
49.1
.629
–47.7
1400.00
.461
–76.2
3.566
95.2
.156
47.9
.602
–49.6
1500.00
.424
–80.4
3.421
90.9
.162
46.4
.577
–51.4
1600.00
.387
–84.7
3.293
86.7
.167
45.6
.554
–53.1
1700.00
.353
–89.1
3.185
82.7
.174
44.6
.530
–54.7
1800.00
.324
–93.2
3.051
79.1
.179
43.7
.513
–56.5
1900.00
.293
–97.7
2.949
75.4
.185
43.1
.494
–58.1
2000.00
.270
–102.3
2.850
72.1
.193
41.7
.465
–59.5
2100.00
.245
–106.9
2.750
68.8
.199
40.8
.445
–61.1
2200.00
.225
–111.8
2.661
65.8
.206
40.0
.429
–62.9
2300.00
.204
–117.4
2.581
62.5
.213
39.1
.412
–64.4
2400.00
.186
–123.5
2.500
59.6
.218
37.8
.395
–66.3
2500.00
.169
–130.5
2.420
56.7
.225
37.2
.382
–67.8
2600.00
.156
–137.7
2.353
53.9
.231
36.2
.365
–70.2
2700.00
.146
–146.1
2.288
51.2
.238
35.2
.351
–72.0
2800.00
.137
–155.0
2.223
48.5
.244
34.4
.336
–74.0
2900.00
.133
–164.2
2.165
45.8
.249
33.5
.320
–75.8
3000.00
.130
–173.1
2.108
43.4
.257
32.1
.306
–78.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com