Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103ASDM Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD103ASDM
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103ASDM Datasheet(HTML) 1 Page - Diodes Incorporated

  SD103ASDM Datasheet HTML 1Page - Diodes Incorporated SD103ASDM Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30294 Rev. 2 - 2
1 of 2
SD103ASDM
www.diodes.com
SD103ASDM
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Features
A
M
J
L
D
F
B C
H
K
TOP VIEW
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
Fast Switching
·
Low Reverse Capacitance
·
Case: SOT-26, Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Polarity: See Diagram
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Marking: KSU (See Page 2)
·
Weight: 0.016 grams (approx.)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Electrical Characteristics
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current (Note 1)
IFM
350
mA
Non-Repetitive Peak Forward Surge Current
@ t
£ 1.0s
IFSM
1.5
A
Power Dissipation (Note 1)
Pd
225
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
444
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
40
¾¾
V
IR = 100
mA
Forward Voltage Drop (Note 2)
VF
¾¾
0.37
0.50
0.60
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 2)
IR
¾¾
5.0
mA
VR = 30V
Total Capacitance
CT
¾
50
¾
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
10
¾
ns
IF = IR = 200mA,
Irr = 0.1 x IR,RL = 100
W
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
¾¾
0.95
F
¾¾
0.55
H
2.90
3.10
3.00
J
0.013 0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
a
0
°
8
°¾
All Dimensions in mm
Notes: 1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
TOP VIEW


Similar Part No. - SD103ASDM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 7 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ASDM-7-F DIODES-SD103ASDM-7-F Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 7 - 2
SD103ASDM-7-F DIODES-SD103ASDM-7-F Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
More results

Similar Description - SD103ASDM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
BAT54JW DIODES-BAT54JW Datasheet
47Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30157 Rev. 4 - 2
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ATW DIODES-SD103ATW_1 Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
logo
SeCoS Halbleitertechnol...
BAT54TW SECOS-BAT54TW Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ATW DIODES-SD103ATW_08 Datasheet
122Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
Leshan Radio Company
LBAT54TW1T1G LRC-LBAT54TW1T1G Datasheet
93Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LRB731XNRT1G LRC-LRB731XNRT1G Datasheet
253Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LBAT54TW1T1G LRC-LBAT54TW1T1G_15 Datasheet
172Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com