Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS021STRR Datasheet(PDF) 2 Page - International Rectifier

Part # IPS021STRR
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS021STRR Datasheet(HTML) 2 Page - International Rectifier

  IPS021STRR Datasheet HTML 1Page - International Rectifier IPS021STRR Datasheet HTML 2Page - International Rectifier IPS021STRR Datasheet HTML 3Page - International Rectifier IPS021STRR Datasheet HTML 4Page - International Rectifier IPS021STRR Datasheet HTML 5Page - International Rectifier IPS021STRR Datasheet HTML 6Page - International Rectifier IPS021STRR Datasheet HTML 7Page - International Rectifier IPS021STRR Datasheet HTML 8Page - International Rectifier IPS021STRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IPS021(S)
2
www.irf.com
(1) Limited by junction temperature (pulsed current limited also by internal wiring)
(2) Operations at higher switching frequencies is possible. See Appl. Notes.
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to SOURCE lead. (TAmbient = 25
oC unless otherwise specified). PCB mounting uses the standard foot-
print with 70
µm copper thickness.
Symbol Parameter
Min.
Max.
Units
Test Conditions
Vds
Maximum drain to source voltage
—
47
Vin
Maximum input voltage
-0.3
7
Iin, max
Maximum IN current
-10
+10
mA
Isd cont.
Diode max. continous current (1)
(rth=62oC/W) IPS021
—
2.8
(rth=10oC/W) IPS021
—
8
(rth=80oC/W) IPS021S
—
2.2
Isd pulsed Diode max. pulsed current (1)
—
10A
Pd
Maximum power dissipation
(1)
(rth=62oC/W) IPS021
—
2
(rth=80oC/W) IPS021S
—
1.56
ESD1
Electrostatic discharge voltage (Human Body)
—
4
C=100pF, R=1500
Ω,
ESD2
Electrostatic discharge voltage (Machine Model)
—
0.5
C=200pF, R=0
Ω, L=10µH
T stor.
Max. storage temperature
-55
150
Tj max.
Max. junction temperature.
-40
150
Tlead
Lead temperature (soldering, 10 seconds)
—
300
V
W
A
kV
oC
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rth 1
Thermal resistance free air
—
60
—
Rth 2
Thermal resistance junction to case
—
5
—
Rth 1
Thermal resistance with standard footprint
—
80
—
Rth 2
Thermal resistance with 1" square footprint
—
50
—
Rth 3
Thermal resistance junction to case
—
5
—
Thermal Characteristics
TO-220
D2PAK (SMD220)
oC/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol Parameter
Min.
Max.
Units
Vds (max) Continuous drain to source voltage
—
35
VIH
High level input voltage
4
6
VIL
Low level input voltage
0
0.5
Ids
Continuous drain current
—
1.8
A
Tamb=85
oC
(TAmbient = 85oC, IN = 5V, rth = 60oC/W, Tj = 125oC)
Rin
Recommended resistor in series with IN pin
0.5
5
k
Ω
Tr-in (max) Max recommended rise time for IN signal (see fig. 2)
—
1
µS
Fr-Isc (2)
Max. frequency in short circuit condition (Vcc = 14V)
0
1
kHz
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com